Electronic Components Datasheet Search
  English  ▼

X  

LM4856 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4856
Description  Integrated Audio Amplifier System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4856 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4856 Datasheet HTML 1Page - National Semiconductor (TI) LM4856 Datasheet HTML 2Page - National Semiconductor (TI) LM4856 Datasheet HTML 3Page - National Semiconductor (TI) LM4856 Datasheet HTML 4Page - National Semiconductor (TI) LM4856 Datasheet HTML 5Page - National Semiconductor (TI) LM4856 Datasheet HTML 6Page - National Semiconductor (TI) LM4856 Datasheet HTML 7Page - National Semiconductor (TI) LM4856 Datasheet HTML 8Page - National Semiconductor (TI) LM4856 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (Notes 3, 8) (Continued)
The following specifications apply for V
DD= 5.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4856
Units
(Limits)
Typical
(Note 5)
Limits
(Notes 6,
11)
V
IL
Logic Low Input Voltage
0.4
GND
V (max)
V (min)
Digital Volume Range
(R
IN and LIN)
Input referred minimum gain
-34.5
-35.1
-33.9
dB (min)
dB (max)
Input referred maximum gain
12.0
11.4
12.6
dB (min)
dB (max)
Digital Volume Range
(Phone_In_HS)
Input referred minimum gain
-40.5
-41.1
-39.9
dB (min)
dB (max)
Input referred maximum gain
6.0
5.4
6.6
dB (min)
dB (max)
Digital Volume Stepsize
1.5
dB
Digital Volume Stepsize Error
±0.1
±0.6
dB ( max)
Phone_In_IHF Volume
BTL gain from Phone_In _IHF to
SPKR
OUT
12
11.4
12.6
dB (min)
dB (max)
Phone_In_IHF Mute Attenuation
Output Mode 2, 4, 6
100
dB
Phone_In_IHF Input Impedance
20
15
25
k
Ω (min)
k
Ω (max)
Phone_In_HS Input Impedance
Maximum gain setting
33.5
25
42
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
R
IN and LIN Input Impedance
Maximum gain setting
20
15
25
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
T
SD
Thermal Shutdown Temperature
170
150
˚C (min)
t
1
SCL (Clock) Period
2.5
µs (min)
t
2
SDA to SCL Set-up Time
100
ns (min)
t
3
Data Out Stable Time
0
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition Time
100
ns (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com