Electronic Components Datasheet Search
  English  ▼

X  

LM4856 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4856
Description  Integrated Audio Amplifier System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4856 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4856 Datasheet HTML 12Page - National Semiconductor (TI) LM4856 Datasheet HTML 13Page - National Semiconductor (TI) LM4856 Datasheet HTML 14Page - National Semiconductor (TI) LM4856 Datasheet HTML 15Page - National Semiconductor (TI) LM4856 Datasheet HTML 16Page - National Semiconductor (TI) LM4856 Datasheet HTML 17Page - National Semiconductor (TI) LM4856 Datasheet HTML 18Page - National Semiconductor (TI) LM4856 Datasheet HTML 19Page - National Semiconductor (TI) LM4856 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Application Information (Continued)
TABLE 3. Volume Control
V4
V3
V2
V1
V0
Gain (dB)
G2
G1
R
IN,LIN
to
R
OUT,LOUT
P
HS
to
R
OUT,LOUT
00000
-34.5
-40.5
00001
-33.0
-39.0
00010
-31.5
-37.5
00011
-30.0
-36.0
00100
-28.5
-34.5
00101
-27.0
-33.0
00110
-25.5
-31.5
00111
-24.0
-30.0
01000
-22.5
-28.5
01001
-21.0
-27.0
01010
-19.5
-25.5
01011
-18.0
-24.0
01100
-16.5
-22.5
01101
-15.0
-21.0
01110
-13.5
-19.5
01111
-12.0
-18.0
10000
-10.5
-16.5
10001
-9.0
-15.0
10010
-7.5
-13.5
10011
-6.0
-12.0
10100
-4.5
-10.5
10101
-3.0
-9.0
10110
-1.5
-7.5
10111
0.0
-6.0
11000
1.5
-4.5
11001
3.0
-3.0
11010
4.5
-1.5
11011
6.0
0.0
11100
7.5
1.5
11101
9.0
3.0
11110
10.5
4.5
11111
12.0
6.0
EXPOSED-DAP MOUNTING CONSIDERATIONS
The LM4856’s exposed-DAP (die attach paddle) package
(LD) provides a low thermal resistance between the die and
the PCB to which the part is mounted and soldered. This
allows rapid heat transfer from the die to the surrounding
PCB copper area heatsink, copper traces, ground plane, and
finally, surrounding air. The result is a low voltage audio
power amplifier that produces 1.1W dissipation in a 8
Ω load
at
≤ 1% THD+N. This high power is achieved through careful
consideration of necessary thermal design. Failing to opti-
mize thermal design may compromise the LM4856’s high
power performance and activate unwanted, though neces-
sary, thermal shutdown protection.
The LD package must have its DAP soldered to a copper
pad on the PCB. The DAP’s PCB copper pad is then, ideally,
connected to a large plane of continuous unbroken copper.
This plane forms a thermal mass, heat sink, and radiation
area. Place the heat sink area on either outside plane in the
case of a two-sided or multi-layer PCB. (The heat sink area
can also be placed on an inner layer of a multi-layer board.
The thermal resistance, however, will be higher.) Connect
the DAP copper pad to the inner layer or backside copper
heat sink area with 6 (3 X 2) (LD) vias. The via diameter
should be 0.012in - 0.013in with a 1.27mm pitch. Ensure
efficient thermal conductivity by plugging and tenting the vias
with plating and solder mask, respectively.
Best thermal performance is achieved with the largest prac-
tical copper heat sink area. If the heatsink and amplifier
share the same PCB layer, a nominal 2.5in
2 (min) area is
necessary for 5V operation with a 4
Ω load. Heatsink areas
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com