Electronic Components Datasheet Search
  English  ▼

X  

LM4856 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4856
Description  Integrated Audio Amplifier System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4856 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4856 Datasheet HTML 1Page - National Semiconductor (TI) LM4856 Datasheet HTML 2Page - National Semiconductor (TI) LM4856 Datasheet HTML 3Page - National Semiconductor (TI) LM4856 Datasheet HTML 4Page - National Semiconductor (TI) LM4856 Datasheet HTML 5Page - National Semiconductor (TI) LM4856 Datasheet HTML 6Page - National Semiconductor (TI) LM4856 Datasheet HTML 7Page - National Semiconductor (TI) LM4856 Datasheet HTML 8Page - National Semiconductor (TI) LM4856 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4856
Integrated Audio Amplifier System
General Description
The LM4856 is an audio power amplifier system capable of
delivering 1.1W (typ) of continuous average power into a
mono 8
Ω bridged-tied load (BTL) with 1% THD+N and
60mW (typ) per channel of continuous average power into
stereo 32
Ω single-ended (SE) loads with 0.5% THD+N, us-
ing a 5V power supply.
The LM4856 features a 32 step digital volume control and
eight distinct output modes. The digital volume control and
output modes are programmed through a two-wire I
2C com-
patible control interface, that allows flexibility in routing and
mixing audio channels.
The LM4856 is designed for cellular phone, PDA, and other
portable handheld applications. It delivers high quality output
power from a surface-mount package and requires only
eight external components.
The industry leading micro SMD package only utilizes 2mm
x 2.3mm of PCB space, making the LM4856 the most space
efficient audio sub system available today.
Key Specifications
n
THD+N at 1kHz, 1.1W into 8
Ω BTL
1.0% (typ)
n
THD+N at 1kHz, 60mW into 32
Ω SE
0.5% (typ)
n
Single Supply Operation
2.6 to 5.0V
Features
n
1.1W (typ) output power with 8
Ω mono BTL load
n
60mW (typ) output power with stereo 32
Ω SE loads
n
I
2C programmable 32 step digital volume control
n
Eight distinct output modes
n
micro-SMD and LLP surface mount packaging
n
"Click and Pop" suppression circuitry
n
Thermal shutdown protection
n
Low shutdown current (0.1uA, typ)
Applications
n
Moblie Phones
n
PDAs
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20060732
FIGURE 1. Typical Audio Amplifier Application Circuit
May 2004
© 2004 National Semiconductor Corporation
DS200607
www.national.com


Similar Part No. - LM4856

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560 Datasheet
2Mb / 26P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48560 TI1-LM48560 Datasheet
1Mb / 27P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
LM48560 TI2-LM48560 Datasheet
596Kb / 26P
LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
REVISED NOVEMBER 2015
LM48560TL TI1-LM48560TL Datasheet
2Mb / 28P
High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
More results

Similar Description - LM4856

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
Integrated Audio Amplifier System
logo
Intersil Corporation
ISL54000 INTERSIL-ISL54000 Datasheet
260Kb / 11P
Integrated Audio Amplifier Systems
October 17, 2007
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
Integrated Audio Amplifier Systems
October 30, 2007
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
Integrated Audio Amplifier Systems
October 30, 2007
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
Integrated Audio Amplifier System
logo
Renesas Technology Corp
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
Integrated Audio Amplifier Systems
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
Integrated Audio Amplifier Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com