Electronic Components Datasheet Search
  English  ▼

X  

LM4856 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4856
Description  Integrated Audio Amplifier System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4856 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4856 Datasheet HTML 10Page - National Semiconductor (TI) LM4856 Datasheet HTML 11Page - National Semiconductor (TI) LM4856 Datasheet HTML 12Page - National Semiconductor (TI) LM4856 Datasheet HTML 13Page - National Semiconductor (TI) LM4856 Datasheet HTML 14Page - National Semiconductor (TI) LM4856 Datasheet HTML 15Page - National Semiconductor (TI) LM4856 Datasheet HTML 16Page - National Semiconductor (TI) LM4856 Datasheet HTML 17Page - National Semiconductor (TI) LM4856 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Application Information
I
2C PIN DESCRIPTION
SDA: This is the serial data input pin.
SCL: This is the clock input pin.
ADR: This is the address select input pin.
I
2C INTERFACE
The LM4856 uses a serial bus, which conforms to the I
2C
protocol, to control the chip’s functions with two wires: clock
and data. The clock line is uni-directional. The data line is
bi-directional (open-collector) with a pullup resistor (typically
10k
Ω).The maximum clock frequency specified by the I2C
standard is 400kHz. In this discussion, the master is the
controlling microcontroller and the slave is the LM4856.
The I
2C address for the LM4856 is determined using the
ADR pin. The LM4856’s two possible I
2C chip addresses are
of the form 110110X
10 (binary), where the X1 = 0, if ADR is
logic low; and X
1 = 1, if ADR is logic high. If the I
2C interface
is used to address a number of chips in a system and the
LM4856’s chip address can be changed to avoid address
conflicts.
The timing diagram for the I
2C is shown in Figure 2. The data
is latched in on the stable high level of the clock and the data
line should be held high when not in use. The timing diagram
is broken up into six major sections:
The “start” signal is generated by lowering the data signal
while the clock signal is high. The start signal will alert all
devices attached to the I
2C bus to check the incoming ad-
dress against their own chip address.
The 8-bit chip address is sent next, most significant bit first.
Each address bit must be stable while the clock level is high.
After the last bit of the address is sent, the master checks for
the LM4856’s acknowledge. The master releases the data
line high (through a pullup resistor). Then the master sends
a clock pulse. If the LM4856 has received the address
correctly, then it holds the data line low during the clock
pulse. If the data line is not low, then the master should send
a “stop” signal (discussed later) and abort the transfer.
The 8 bits of data are sent next, most significant bit first.
Each data bit should be valid while the clock level is stable
high.
After the data byte is sent, the master must generate another
acknowledge to see if the LM4856 received the data.
If the master has more data bytes to send to the LM4856,
then the master can repeat the previous two steps until all
data bytes have been sent.
The “stop” signal ends the transfer. To signal “stop”, the data
signal goes high while the clock signal is high.
200607F5
FIGURE 2. I
2C Bus Format
200607F4
FIGURE 3. I
2C Timing Diagram
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com