Electronic Components Datasheet Search
  English  ▼

X  

LM4856 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4856
Description  Integrated Audio Amplifier System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4856 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4856 Datasheet HTML 11Page - National Semiconductor (TI) LM4856 Datasheet HTML 12Page - National Semiconductor (TI) LM4856 Datasheet HTML 13Page - National Semiconductor (TI) LM4856 Datasheet HTML 14Page - National Semiconductor (TI) LM4856 Datasheet HTML 15Page - National Semiconductor (TI) LM4856 Datasheet HTML 16Page - National Semiconductor (TI) LM4856 Datasheet HTML 17Page - National Semiconductor (TI) LM4856 Datasheet HTML 18Page - National Semiconductor (TI) LM4856 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Application Information (Continued)
TABLE 1. Data Register
DATA
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Function
Volume Control
Output Mode Control
Name
V4
V3
V2
V1
V0
M2
M1
M0
Default
0000000
0
TABLE 2. Output Mode Selection
M2
M1
M0
Handsfree Speaker Output
Right Headphone Output
Left Headphone Output
Output Mode Number
0
0
0
SD
SD
SD
0
001
12dB x P
IHF
MUTE
MUTE
1
0
1
0
MUTE
G1 x P
HS
G1xP
HS
2
011
12dB x P
IHF
G1xP
HS
G1xP
HS
3
1
0
0
MUTE
G2 x R
G2 x L
4
101
12dB x P
IHF
G2xR
G2xL
5
1
1
0
MUTE
(G1 x P
HS)+(G2xR)
(G1xP
HS)+(G2xL)
6
111
12dB x P
IHF
(G1xP
HS)+(G2xR)
(G1xP
HS)+(G2xL)
7
PIHF = External High Pass Phone_In_IHF
PHS = Non Filtered Phone_In_HS
R=RIN
L= LIN
SD = Shutdown
MUTE = Mute Mode
G1 = gain from PHS to LOUT and ROUT
G2 = gain from LIN and RIN to LOUT and ROUT
G1=G2+6dB
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com