Electronic Components Datasheet Search
  English  ▼

X  

LM12434 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM12434 Datasheet HTML 16Page - National Semiconductor (TI) LM12434 Datasheet HTML 17Page - National Semiconductor (TI) LM12434 Datasheet HTML 18Page - National Semiconductor (TI) LM12434 Datasheet HTML 19Page - National Semiconductor (TI) LM12434 Datasheet HTML 20Page - National Semiconductor (TI) LM12434 Datasheet HTML 21Page - National Semiconductor (TI) LM12434 Datasheet HTML 22Page - National Semiconductor (TI) LM12434 Datasheet HTML 23Page - National Semiconductor (TI) LM12434 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
40 Typical Performance Characteristics (Continued)
The following curves apply for 12-bit a sign mode after auto-calibration unless otherwise specified The performance for 8-bit a
sign and ‘‘watchdog’’ modes is equal to or better than shown (Note 9)
vs Temperature
Analog Supply Current
vs Clock Frequency
Digital Supply Current
vs Temperature
Digital Supply Current
TLH11879 – 15
Free-running conversion and SPI mode data
read at 200 ns SCLK period
The following curves apply to the LM12L438 in 12-bit a sign mode after auto-calibration unless otherwise specified RS e 50X
TA e 25 C VAa e VDa e 33V VREF e 25V fCLK e 6 MHz fSCLK e 8 MHz VIN e 25V
x0 dB Sampling Rate e
100 kHz
10 kHz Sine Wave at 0 dB
Unipolar Spectral Response with
20 kHz Sine Wave at 0 dB
Unipolar Spectral Response with
TLH11879 – 84
The following curves apply for 12-bit a sign mode after auto-calibration unless otherwise specified RS e 50X TA e 25 C
VAa e VDa e 5V VREF e 4096V fCLK e 8 MHz fSCLK e 10 MHz VIN e 4096V
x0 dB Sampling Rate e 100 kHz
Unipolar Special Response
during Conversion fSCLK e 10 MHz
at 0 dB Reading Data
with 412 kHz Sine Wave
Unipolar Special Response
between Conversions
at 0 dB Reading Data
with 412 kHz Sine Wave
TLH11879 – 55
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com