Electronic Components Datasheet Search
  English  ▼

X  

LM12434 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM12434 Datasheet HTML 28Page - National Semiconductor (TI) LM12434 Datasheet HTML 29Page - National Semiconductor (TI) LM12434 Datasheet HTML 30Page - National Semiconductor (TI) LM12434 Datasheet HTML 31Page - National Semiconductor (TI) LM12434 Datasheet HTML 32Page - National Semiconductor (TI) LM12434 Datasheet HTML 33Page - National Semiconductor (TI) LM12434 Datasheet HTML 34Page - National Semiconductor (TI) LM12434 Datasheet HTML 35Page - National Semiconductor (TI) LM12434 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
60 Operational Information (Continued)
INSTRUCTION RAM
(ReadWrite) (Continued)
Limits
12
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Don’t Care
l
k
Sign
Limit
D7 – D0
Limit 8-bit limit value
D8
Sign Sign of limit value 0 e Positive 1 e Negative
D9
l
k
High LimitLow limit 0 e Inputs lower than limit generate interrupt 1 e Inputs higher than limit generate
interrupt
D15 – D10 Don’t Care
INTERRUPT ENABLE REGISTER
(ReadWrite)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Number of Conversion
Instruction Number
INT7
X
INT5
INT4
INT3
INT2
INT1
INT0
Results in FIFO to
to Generate
Generate Interrupt (INT2)
Interrupt (INT1)
Bits
0 to 7 enable interrupt generation for the following conditions when the bit is set to 1
D0
INT0 Generates an interrupt when a limit is passed in watchdog mode
D1
INT1 Generates an interrupt when the sequencer has loaded the instruction number contained in bits D10 D9 and
D8 of the Interrupt Enable register
D2
INT2 Generates an interrupt when the number of conversion results in the FIFO is equal to the programmed value
(D15 – D11)
D3
INT3 Generates an interrupt when an auto-zero cycle is completed
D4
INT4 Generates an interrupt when a full calibration cycle is completed
D5
INT5 Generates an interrupt when a pause condition is encountered
D6
This bit is a don’t care condition No interrupt is associated with this bit
D7
INT7 Generates an interrupt when the chip is returned from standby and is ready for operation
D10 – D8
Programmable instruction number used to generate an interrupt when that instruction has been reached
D15 – D11 Programmable number of conversion results in the FIFO to generate an interrupt
TIMER REGISTER
(ReadWrite)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
N e Timer Preset Value
The Timer delays the execution of an instruction if the Timer bit is set in that instruction
The time delay is
Delay e (32 c N) a 2 Clock Cycles
FIGURE 9 Bit Assignments for LM12434 and LM12 L 438 Internal Registers
(Continued)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com