| Electronic Components Datasheet Search |
|
LM12434 Datasheet(PDF) 29 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM12434 Datasheet(HTML) 29 Page - National Semiconductor (TI) |
|
29 / 80 page ![]() 60 Operational Information (Continued) 62 INTERNAL USER-ACCESSIBLE REGISTERS Figure 8 shows the LM12434 and LM12 L 438 internal user accessible registers Figure 9 shows the bit assignment for each register All the registers are accessible through the serial interface bus Following are the descriptions of the registers and their bit assignments 621 Instruction RAM The instruction RAM holds up to eight sequentially execut- able instructions Each 48-bit long instruction is divided into three 16-bit sections READ and WRITE operations can be issued to each 16-bit section using the instruction’s address and the 2-bit ‘‘RAM pointer’’ in the Configuration register The eight instructions are located at addresses 0000 through 0111 They can be accessed and programmed in random order ReadWrite Operations Any Instruction RAM READ or WRITE can affect the se- quencer’s operation Therefore the Sequencer should be stopped by setting the RESET bit to a ‘‘1’’ or by resetting the START bit in the Configuration Register and waiting for the current instruction to finish execution before any Instruction RAM READ or WRITE is initiated A soft RESET should be issued by writing a ‘‘1’’ to the Con- figuration Register’s RESET bit after any READ or WRITE to the Instruction RAM The three sections in the Instruction RAM are selected by the Configuration Register’s 2-bit ‘‘RAM Pointer’’ bits D8 and D9 The first 16-bit Instruction RAM section is selected with the RAM Pointer equal to ‘‘00’’ This section can be programmed for multiplexer channel selection conversion resolution watchdog mode operation timer or external SYNC use pause in instruction and loop bit as described later The second 16-bit section holds ‘‘watchdog’’ limit 1 its sign and a bit that determines whether an interrupt can be generated when the input is greater than or less than limit 1 The third 16-bit section holds ‘‘watchdog’’ limit 2 its sign and the ‘‘greater thanless than’’ selection bit Instruction RAM Bank 1 RP e 00 Bit 0 is the LOOP bit After an instruction with Bit 0 set to a ‘’1’’ is executed the sequencer will loop back to instruction 0 The next instruction to be executed will be instruction 0 Bit 1 is the PAUSE bit When the PAUSE bit is set (‘‘1’’) the Sequencer will stop after reading the current instruction The instruction will not execute at this point and the START bit in the Configuration register will reset to ‘‘0’’ Setting the PAUSE also causes an interrupt to be issued The Sequenc- er is restarted by placing a ‘‘1’’ in the Configuration regis- ter’s Bit 0 (Start bit) After the Instruction RAM has been programmed and the RESET bit is set to ‘‘1’’ the Sequencer retrieves Instruction 0 decodes it and waits for a ‘‘1’’ to be placed in the Config- uration register’s START bit The START bit value of ‘‘1’’ ‘‘overrides’’ the action of Instruction 0’s PAUSE bit when the Sequencer is started Once started the Sequencer exe- cutes Instruction 0 and retrieves decodes and executes each of the remaining instructions With the PAUSE bit set to ‘‘1’’ in instruction 0 no PAUSE Interrupt (INT 5) is gener- ated the first time the Sequencer executes Instruction 0 When the Sequencer encounters a LOOP bit or completes all eight instructions Instruction 0 is retrieved and decoded A set PAUSE bit in Instruction 0 now halts the Sequencer before the instruction is executed If Pause e 0 the instruc- tion loop continues to execute Bits 2 – 4 select which of the eight input channels (IN0 – IN7) will be the non-inverting inputs to the LM12 L 438’s ADC (See Table III) They select which of the four input channels (for IN0 – IN3) will be the non-inverting inputs to the LM12434’s ADC (See Table IV) Bits 5 – 7 select which of the seven input channels (IN1 to IN7) will be the inverting inputs to the LM12 L 438 ADC (See Table III) They select which of the three input chan- nels (IN1 – IN4) will be the inverting inputs to the LM12434’s ADC (See Table IV) Fully differential operation is created by selecting two multiplexer channels one non-inverting and the other inverting A code of ‘‘000’’ selects ground as the inverting input for single ended operation Bit 8 is the SYNC bit Setting Bit 8 to ‘‘1’’ causes the Se- quencer to hold operation at the internal SH’s acquisition cycle and to wait until a rising edge appears at the SYNC pin When a rising edge appears the SH goes into the ‘‘Hold’’ mode and the ADC begins to perform a conversion on the next rising edge of CLK To make the SYNC pin serve as an input the Configuration register’s ‘‘SYNC IO’’ bit (Bit 7) must be set to a ‘‘0’’ With SYNC configured as an input it is possible to synchronize the start of a conversion to external events When SYNC pin is defined as an output (SYNC IO bit e 1) the SYNC bit in the instruction registers must not be set to 1 When the LM12434 and LM12 L 438 are used in the ‘‘watchdog’’ mode with external synchronization two rising edges on the SYNC input are required to initiate the two comparisons that are performed during a watchdog instruc- tion The first rising edge initiates the comparison of the selected analog input signal with Limit 1 (found in Instruc- tion RAM ‘‘01’’) and the second rising edge initiates the comparison of the same analog input signal with Limit 2 (found in Instruction RAM ‘‘10’’) Bit 9 is the TIMER bit When Bit 9 is set to ‘‘1’’ the Se- quencer will halt until the internal 16-bit Timer counts down to zero During this time interval no ‘‘watchdog’’ compari- sons or analog-to-digital conversions will be performed Bit 10 selects the ADC conversion resolution Setting Bit 10 to ‘‘1’’ selects 8-bit a sign and resetting to ‘‘0’’ selects 12- bit a sign Bit 11 is the ‘‘watchdog’’ comparison mode enable bit When operating in the ‘‘watchdog’’ comparison mode the selected analog input signal is compared with the program- mable values stored in Limit 1 and Limit 2 (see Instruc- tion RAM ‘‘01’’ and Instruction RAM ‘‘10’’) Setting Bit 11 to ‘‘1’’ causes two comparisons of the selected analog input signal one with each of the two stored limits When Bit 11 is reset to ‘‘0’’ an 8-bit a sign or 12-bit a sign (depending on the state of Bit 10 of Instruction RAM ‘‘00’’) conversion of the input signal can take place 29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |