Electronic Components Datasheet Search
  English  ▼

X  

LM12434 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM12434 Datasheet HTML 32Page - National Semiconductor (TI) LM12434 Datasheet HTML 33Page - National Semiconductor (TI) LM12434 Datasheet HTML 34Page - National Semiconductor (TI) LM12434 Datasheet HTML 35Page - National Semiconductor (TI) LM12434 Datasheet HTML 36Page - National Semiconductor (TI) LM12434 Datasheet HTML 37Page - National Semiconductor (TI) LM12434 Datasheet HTML 38Page - National Semiconductor (TI) LM12434 Datasheet HTML 39Page - National Semiconductor (TI) LM12434 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
60 Operational Information (Continued)
622 Configuration Register
The Configuration register is a 16-bit control register with
readwrite capability
It acts as the LM12434’s and
LM12 L 438’s ‘‘control panel’’ holding global information
as well as startstop reset self-calibration and stand-by
commands
Bit 0
is the STARTSTOP bit Reading Bit 0 returns an indi-
cation of the Sequencer’s status A ‘‘0’’ indicates that the
Sequencer is stopped and waiting to execute the next in-
struction A ‘‘1’’ shows that the Sequencer is running Writ-
ing a ‘‘0’’ halts the Sequencer when the current instruction
has finished execution The next instruction to be executed
is pointed to by the instruction pointer found in the status
register Writing a ‘‘1’’ to Bit 0 restarts the Sequencer with
the instruction currently pointed to by the instruction pointer
(See Bits 8 – 10 in the Interrupt Status register)
Bit 1
is the DAS’ system RESET bit Writing a ‘‘1’’ to Bit 1
stops the Sequencer (resetting the Configuration register’s
STARTSTOP bit) resets the Instruction pointer to ‘‘000’’
(found in the Interrupt Status register) clears the Conver-
sion FIFO and resets all interrupt flags The RESET bit will
return to ‘‘0’’ after two clock cycles unless it is forced high
by writing a ‘‘1’’ into the Configuration register’s Standby bit
A reset signal is internally generated when power is first
applied to the part No operation should be started until the
RESET bit is ‘‘0’’
Bit 2
is the auto-zero bit Writing a ‘‘1’’ to this bit initiates an
auto-zero offset voltage calibration Unlike the eight-sample
auto-zero calibration performed during the full calibration
procedure Bit 2 initiates a ‘‘short’’ auto-zero by sampling
the offset once and creating a correction coefficient (full
calibration averages eight samples of the converter offset
voltage when creating a correction coefficient) If the Se-
quencer is running when Bit 2 is set to ‘‘1’’ an auto-zero
starts immediately after the conclusion of the currently run-
ning instruction Bit 2 is reset automatically to a ‘‘0’’ and an
interrupt flag (Bit 3 in the Interrupt Status register) is set at
the end of the auto-zero (76 clock cycles) After completion
of an auto-zero calibration the Sequencer fetches the next
instruction as pointed to by the Instruction RAM’s pointer
and resumes execution If the Sequencer is stopped an
auto-zero is performed immediately at the time requested
Bit 3
is the calibration bit Writing a ‘‘1’’ to this bit initiates a
complete calibration process that includes a ‘‘long’’ auto-
zero offset voltage correction (this calibration averages
eight samples of the comparator offset voltage when creat-
ing a correction coefficient) followed by an ADC linearity
calibration This complete calibration is started after the cur-
rently running instruction is completed if the Sequencer is
running when Bit 3 is set to ‘‘1’’ Bit 3 is reset automatically
to a ‘‘0’’ and an interrupt flag (Bit 4 in the Interrupt Status
register) will be generated at the end of the calibration pro-
cedure (4944 clock cycles) After completion of a full auto-
zero and linearity calibration the Sequencer fetches the
next instruction as pointed to by the Instruction RAM’s
pointer and resumes execution If the Sequencer is stopped
a full calibration is performed immediately at the time re-
quested
Bit 4
is the Standby bit Writing a ‘‘1’’ to Bit 4 immediately
places the DAS in Standby mode Normal operation returns
when Bit 4 is reset to a ‘‘0’’ The Standby command (‘‘1’’)
disconnects the external clock from the internal circuitry
decreases
the
LM12434
and
LM12 L 438’s
internal
analog circuitry power supply current and preserves all in-
ternal RAM contents After writing a ‘‘0’’ to the Standby bit
the DAS returns to an operating state identical to that
caused by exercising the RESET bit A Standby completion
interrupt is issued after a power-up delay to allow the analog
circuitry to settle The Sequencer should be restarted only
after the Standby completion interrupt is issued (see Note
22) The Instruction RAM can still be accessed through read
and write operations while the LM12434 and LM12 L 438
are in Standby Mode
Bit 5
is the Channel Address Mask If Bit 5 is set to a ‘‘1’’
Bits 13 – 15 in the conversion FIFO will be equal to the sign
bit (Bit 12) of the conversion data Resetting Bit 5 to a ‘‘0’’
causes conversion data Bits 13 through 15 to hold the in-
struction pointer value of the instruction to which the con-
version data belongs
Bit 6
selects a ‘‘short’’ auto-zero correction for every con-
version The Sequencer automatically inserts an auto-zero
before every conversion or ‘‘watchdog’’ comparison if Bit 6
is set to ‘‘1’’ No automatic correction will be performed if Bit
6 is reset to ‘‘0’’
The DAS’ offset voltage after calibration has a typical drift
of 01 LSB over a temperature range of b40 Cto a85 C
This small drift is less than the variability of the change in
offset that can occur when using the auto-zero correction
with each conversion This variability is the result of using
only one sample of the offset voltage to create a correction
value This variability decreases when using the full calibra-
tion mode because eight samples of the offset voltage are
taken averaged and used to create a correction value
Therefore it is recommended that this mode not be used
Bit 7
programs the SYNC pin (29) to operate as either an
input or an output The SYNC pin becomes an output when
Bit 7 is a ‘‘1’’ and an input when Bit 7 is a ‘‘0’’ With SYNC
programmed as an input the rising edge of any logic signal
applied to pin 29 will start a conversion or ‘‘watchdog’’ com-
parison Programmed as an output the logic level at pin 29
will go high at the start of a conversion or ‘‘watchdog’’ com-
parison and remain high until either have finished See In-
struction RAM ‘‘00’’ Bit 8
Bits 8
and 9 form the RAM Pointer that is used to select
each of a 48-bit instruction’s three 16-bit sections during
read or write actions A ‘‘00’’ selects Instruction RAM sec-
tion one ‘‘01’’ selects section two and ‘‘10’’ selects section
three
Bit 10
activates the Test mode that is used only during pro-
duction testing Always write ‘‘0’’ in this bit when program-
ming the Instruction Register
Bit 11
is the Diagnostic bit and is available only in the
LM12 L 438 It can be activated by setting it to a ‘‘1’’ The
Diagnostic mode along with a properly chosen instruction
allows verification that the LM12 L 438’s ADC is perform-
ing correctly When activated the inverting and non-invert-
ing inputs are connected as shown in Table V As an exam-
ple an instruction with ‘‘001’’ for both INa and INb while
using the Diagnostic mode typically results in a full-scale
output
623 Interrupts
The LM12434 and LM12 L 438 have seven possible inter-
rupts all with the same priority Any of these interrupts will
cause a hardware interrupt to appear on the INT pin (31) if
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com