Electronic Components Datasheet Search
  English  ▼

X  

AV2188 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AV2188 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AV2188
June 2, 2000
3-20
DESCRIPTION
The AV2188 is a mixed signal CMOS monolithic audio CODEC. It consists six channels sigma delta DACs and two
channels sigma delta ADCs. The DACs support 20-bit and 24-bit input data, while the ADCs provides 24-bit MSB
justified data output.
XCK REQUIREMENT
The AV2188 support 384 and 256 times sampling clock for 32, 44.1 and 48 K audio; 192 and 128 times for the 96
K audio.; and 96 and 64 times for the 192K audio. .
XCK Requirement
Sampling
Rate
XCK Freq.
384*fs
256*fs
32 K
12.288 MHz
8.192 MHz
44.1
16.934 Mhz
11.29 Mhz.
48 K
18.432 MHz
12.288 Mhz.
96 K
18.432 MHz
12.288 Mhz.
192 K
18.432 Mhz
12.288 Mhz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com