Electronic Components Datasheet Search
  English  ▼

X  

AV2188 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AV2188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 16Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 17Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 18Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 19Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AV2188
June 2, 2000
17-20
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHRACTERISTICS
Symbol
Characteristics
Min
Typical
Max
Units
VDD
Power supply voltage
4.5
5
5.5
V
VVCM
Reference voltage
2.25
2.41
V
RL
Analog output load
37.5
70
Ta
Ambient operating temperature range
0
70
o
C
Parameter
Characteristics
Min
Typ
Max
Units
Supply
IDD
Total Power Supply Current, Analog + Digital
135
145
mA
IDDQ
Total Power Supply Current,ADC Power
Down
115
120
mA
Digital Characteristics
VIH
Digital Input Voltage, Logic HIGH,
TTL Compatible Inputs.
2.0
VDD
V
VIL
Digital Input Voltage, Logic LOW,
TTL Compatible Inputs
VSS
0.8
V
IIH
Digital Input Current, Logic HIGH, (VIN=4.0V)
10
A
IIL
Digital Input Current, Logic LOW, (VIN=0.4V)
-10
A
CIN
Digital Input Capacitance (f=1Mhz, VIN=2.4V)
7
pF
VOH
Digital Output Voltage, Logic HIGH,
(IOH= -1mA)
3.2
3.4
3.5
V
VOL
Digital Output Voltage, Logic LOW,
(IOL=4.0 mA)
VSS
0.4
V
IOZH
Hi-Z Leakage Current, HIGH,
VDD=Max, VIN=VDD)
10
A
IOZL
Hi-Z Leakage Current, LOW,
VDD=Max, VIN=VSS)
-10
A
CI
Digital Input Capacitance (T
A=25oC, f=1Mhz)
8
pF
CO
Digital Output Capacitance (T
A=25oC,
f=1Mhz)
10
pF
Ω
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com