Electronic Components Datasheet Search
  English  ▼

X  

AV2188 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AV2188
June 2, 2000
12-20
DACPWD56: DAC5 and DAC6 Control.
0 - DAC5 and DAC 6 operational.
1 - Power down the DAC5 and DAC6.
DACPWD43: DAC3 and DAC4 Control.
0 - DAC3 and DAC4 operational.
1 - Power down the DAC3 and DAC4.
DACPWD21: DAC2 and DAC1 Control.
0 - DAC2 and DAC1 operational.
1 - Power down the DAC2 and DAC1.
Volume Registers, (ADRS=hex02, default=hex80)
VOLREG:- Control the volume of the 6 DAC’s
80h- corresponds to 0 dB setting.
ADDR[4:0]
Volume Registers
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Hex 02
VLREG[7:0]
Default Value
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com