Electronic Components Datasheet Search
  English  ▼

X  

AV2188 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AV2188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AV2188
June 2, 2000
9-20
INFINITE ZERO DETECTION
The AV2188 has an Infinite Zero Detection circuit which detects zero in the Audio Serial Port that lasts for
approximately 0.5 sec. By default, the zero detection circuit is on. To disable this feature, bit 7 of the programmable
register TREG1[7] must be programmed to a “one”.
SERIAL COMMAND PORT
The user can use the pin to select the chip operation or by programming the internal control registers through the 7
bit address I
2C port. The Chip Address for the AV2188 is 31H. The protocal for write operation consists of sending
3 byte data to AV2188, following each byte are the acknowledges generated by AV2188. The first byte is the 7-bit
Chip Address followed by the read/write bit (read is high write is low). The second byte is the control register
address. The third byte is the control register data.
Upon power up, all programmable registers are set to default values. Figure 4 describes the serial command port
timing relationship.
Figure 4. Serial Command Port Timing
R/W ACK
A7
A0
D0
ACK
D7
ACK
Start
Stop
CA6
CA0
11
1
Chip adrress: CA<6:0> = 31H
Register address: A<7:0> = 00H
DATA: D<7:0> = 30H
SDA
SCL
I2C Bus Control Register write example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com