Electronic Components Datasheet Search
  English  ▼

X  

AV2188 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AV2188 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AV2188
June 2, 2000
5-20
DVSS
9
GND
Digital ground
XCK
10
I
External Master Clock Input.
SCL
11
I
I2C clock input.
SDA
12
I/O
I2C DATA bus. Open drain ouput. Externally this pin should tie to a 680 ohm pull
up resistor.
TEST
11
O
Test fs reference pin. For test vector verification. For normal operation this pin
must be tied to ‘0’.
RST
12
I
Active low power down reset. When low, the chip is reset and all programmable
registers are reset to default values. Must activate this pin if the P/S or
ADDR[1:0] change state.
Analog
VOL3
28
O
Analog left channel output 3
VOR3
27
O
Analog right channel output 3.
VOL2
26
O
Analog left channel output 2.
VOR2
25
O
Analog right channel output 2.
VOL1
24
O
Analog left channel output 1.
VOR1
23
O
Analog right channel output 1.
AVSS
22
GND
Analog circuits ground
VCM2
21
Common voltage output pin for the DAC.
AVDD
20
+5V
Analog circuits power supply
VCM1
19
Common voltage output pin for the ADC.
AVSS
18
GND
Analog circuits ground
AINR
17
I
ADC right cahnnel input. 1 volt rms input.
AINL
16
I
ADC left channel input. 1 volt rms input.
N/C
15
No connection, should be tied to AVSS
PIN DESCRIPTION (Continued)
Pin Name
Pin #
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com