Electronic Components Datasheet Search
  English  ▼

X  

LCF Datasheet(PDF) 2 Page - Littelfuse

Part # LCF
Description  LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCF Datasheet(HTML) 2 Page - Littelfuse

  LCF Datasheet HTML 1Page - Littelfuse LCF Datasheet HTML 2Page - Littelfuse LCF Datasheet HTML 3Page - Littelfuse LCF Datasheet HTML 4Page - Littelfuse LCF Datasheet HTML 5Page - Littelfuse LCF Datasheet HTML 6Page - Littelfuse LCF Datasheet HTML 7Page - Littelfuse LCF Datasheet HTML 8Page - Littelfuse LCF Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
Electrical Characteristics
Common Mode Noise Filter
LCF Series
Part Number
Size
(mm)
Size
(mm)
Common Mode
Impedance
(Ω)
Rated
Current(mA)
Max.
Cut-off
Freq/Hz
DC
Resistance
(Ω), Max.
Number
of
Lines
Leakage
Current
(μA), Max.
Insulation
Resistance
(MΩ), Min.
LCF060502A650TG
0605
0202
65(±25%)
50
4.71
Max 10.0
2
1.0
10
LCF060502B650TG
0605
0202
65(±25%)
130
4.71
Max 10.0
2
1.0
10
LCF080602A250TG
0806
0302
25(±25%)
100
8.22
Max 5.0
2
1.0
10
LCF080602A750TG
0806
0302
75(±25%)
100
4.00
Max 5.0
2
1.0
10
LCF080602B750TG
0806
0302
75(±25%)
110
4.00
Max 5.0
2
1.0
10
LCF080602A900TG
0806
0302
90(±25%)
100
4.10
Max 6.0
2
1.0
10
LCF080602G900TG
0806
0302
90(±25%)
100
3.29
Max 14.0
2
1.0
10
LCF160804A750TG
1608
0603
75(±25%)
100
4.86
Max 6.0
4
1.0
10
LCF121002A350TG
1210
0504
35(±25%)
100
8.78
Max 4.0
2
1.0
10
LCF121002B350TG
1210
0504
35(±25%)
200
8.78
Max 4.0
2
1.0
10
LCF121002A650TG
1210
0504
65(±25%)
100
5.35
Max 4.0
2
1.0
10
LCF121002B650TG
1210
0504
65(±25%)
250
5.35
Max 4.0
2
1.0
10
LCF121002A750TG
1210
0504
75(±25%)
100
3.59
Max 4.0
2
1.0
10
LCF121002S750TG
1210
0504
75(±25%)
100
4.06
Max 4.0
2
1.0
10
LCF121002A900TG
1210
0504
90(±25%)
100
4.65
Max 4.0
2
1.0
10
LCF121002B900TG
1210
0504
90(±25%)
130
4.65
Max 4.0
2
1.0
10
LCF121002C900TG
1210
0504
90(±25%)
150
4.65
Max 4.0
2
1.0
10
LCF121002D900TG
1210
0504
90(±25%)
160
4.65
Max 4.0
2
1.0
10
LCF201202A900TG
2012
0805
90(±25%)
100
3.89
Max 4.0
2
1.0
10
LCF201202A121TG
2012
0805
120(±25%)
100
3.95
Max 4.0
2
1.0
10
LCF201204A300TG
2012
0805
30(±25%)
100
7.38
Max 4.0
4
1.0
10
LCF201204A101TG
2012
0805
100(±25%)
100
2.92
Max 4.0
4
1.0
10
LCF201204B101TG
2012
0805
100(±25%)
120
2.92
Max 4.0
4
1.0
10
LCF201204C101TG
2012
0805
100(±25%)
130
2.92
Max 4.0
4
1.0
10
LCF201204A181TG
2012
0805
180(±25%)
100
4.23
Max 4.0
4
1.0
10
LCF300806A750TG
3008
1203
75(±25%)
100
4.35
Max 6.0
6
1.0
10
Test Conditions:
• Common Mode Impedance(Ω): @100MHz
• DC Resistance (Ω): 25ºC±2ºC
• Leakage Current (μA): 5V
• Insulation Resistance (Max. MΩ): 5V
• Rated Current(mA): 25ºC±2ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com