Electronic Components Datasheet Search
  English  ▼

X  

LCF Datasheet(PDF) 3 Page - Littelfuse

Part # LCF
Description  LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCF Datasheet(HTML) 3 Page - Littelfuse

  LCF Datasheet HTML 1Page - Littelfuse LCF Datasheet HTML 2Page - Littelfuse LCF Datasheet HTML 3Page - Littelfuse LCF Datasheet HTML 4Page - Littelfuse LCF Datasheet HTML 5Page - Littelfuse LCF Datasheet HTML 6Page - Littelfuse LCF Datasheet HTML 7Page - Littelfuse LCF Datasheet HTML 8Page - Littelfuse LCF Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
Transmission Characteristics (S-parameter)
Common Mode S21
Differencial Mode S21
Common Mode Noise Filter
LCF Series
Impedance Curves (Common Mode)
0605mm size
Impedance Curves (Differencial Mode)
1M
10M
100M
1G
10G
1
10
100
1k
10k
Frequency (Hz)
LCF06052A650TG
LCF06052B650TG
1M
10M
100M1G
10G
1
10
100
1k
10k
Frequency (Hz)
LCF06052A650TG
LCF06052B650TG
1M
10M100M1G
10G
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency(Hz)
LCF06052A650TG
LCF06052B650TG
1M
10M100M1G10G
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency(Hz)
LCF06052A650TG
LCF06052B650TG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com