Electronic Components Datasheet Search
  English  ▼

X  

LCF Datasheet(PDF) 7 Page - Littelfuse

Part # LCF
Description  LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCF Datasheet(HTML) 7 Page - Littelfuse

Back Button LCF Datasheet HTML 3Page - Littelfuse LCF Datasheet HTML 4Page - Littelfuse LCF Datasheet HTML 5Page - Littelfuse LCF Datasheet HTML 6Page - Littelfuse LCF Datasheet HTML 7Page - Littelfuse LCF Datasheet HTML 8Page - Littelfuse LCF Datasheet HTML 9Page - Littelfuse LCF Datasheet HTML 10Page - Littelfuse LCF Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
Transmission Characteristics (S-parameter)
Common Mode S21
Differencial Mode S21
Differencial Mode S21
Impedance Curves (Common Mode)
2012mm size
Impedance Curves (Differencial Mode)
Impedance Curves (Differencial Mode)
Common Mode Noise Filter
LCF Series
1M
10M100M1G10G
1
10
100
1k
10k
ICMF212P121MFR
ICMF212P900MFR
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR
Frequency (Hz)
1M
10M
100M
1G
10G
1
10
100
1k
10k
ICMF212P121MFR
ICMF212P900MFR
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR
Frequency (Hz)
1M
10M
100M
1G
10G
-48
-42
-36
-30
-24
-18
-12
-6
0
Frequency(Hz)
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR
1M
10M
100M
1G
10G
-48
-42
-36
-30
-24
-18
-12
-6
0
Frequency(Hz)
ICMF212P900MFR
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com