Electronic Components Datasheet Search
  English  ▼

X  

LCF Datasheet(PDF) 1 Page - Littelfuse

Part # LCF
Description  LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCF Datasheet(HTML) 1 Page - Littelfuse

  LCF Datasheet HTML 1Page - Littelfuse LCF Datasheet HTML 2Page - Littelfuse LCF Datasheet HTML 3Page - Littelfuse LCF Datasheet HTML 4Page - Littelfuse LCF Datasheet HTML 5Page - Littelfuse LCF Datasheet HTML 6Page - Littelfuse LCF Datasheet HTML 7Page - Littelfuse LCF Datasheet HTML 8Page - Littelfuse LCF Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
LCF Series
Description
LCF Series covers the specification of the engineering requirements for both
Common Mode Noise Filter (CMF) for high speed differential serial interfaces,
such as USB 3.1 , USB 2.0 , MIPI, D-PHY or HDMI.
Features
• Effective for suppressing common
mode noise and almost no effect for
high speed differential data line
• Differential mode cut-off frequency
up to 8.78GHz at -3dB
• Ultra low profile as low as
0.64X0.57X0.35mm
• Ceramic multilayer type SMD
component
• Non-polarized product
• Conforming to RoHS directive
• High temperature soldering
guaranteed: 260°C/10 seconds
Applications
• Mobile Phone and Tablet
− USB 3.1 Gen 1 & 2 (5 & 10Gbps)
with Type C
− Display Port 1.2 (5.4Gbps)
− HDMI 2.0 (6.0Gbps)
− MDDI, MIPI, MHL
• Portable/Wearable Devices
− Game console, POS, VR, Dongle,
and IoT module
• Consumer
− PDP, LCD TV, DVD Player, PC,
Audio player, DSC, Set top box,
Laptop, SSD, and Home Automation
Pinout
Two Lines
Functional Block Diagram
Two Lines
Four Lines
Four Lines
Six Lines (LCF300806A750TG)
Six Lines
Item
Description
Source
Equipment
Rdc
Pin 1-3, 2-4
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
LCR Meter
(3GHz)
Item
Description
Source
Equipment
Rdc
Pin 1-8, 2-7
3-6, 4-5
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 8-7(Short)
Pin 3-4(Short) to
Pin 6-5(Short)
500mV
LCR Meter
(3GHz)
Item
Description
Source
Equipment
Rdc
Pin 1-12, 2-11,
3-10, 4-9, 5-8, 6-7
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 12-11(Short)
Pin 3-4(Short) to
Pin 10-9(Short)
Pin 5-6(Short) to
Pin 8-7(Short)
500mV
LCR Meter
(3GHz)
~: Data Line
~: Data Line
Common Mode Noise Filter
LCF Series
1
2
7
8
3
4
5
6
1
2
11
12
3
4
9
10
5
6
7
8
1
2
7
8
3
4
5
6
1
2
11
12
3
4
9
10
5
6
7
8
1
2
7
8
3
4
5
6
1
2
11
12
3
4
9
10
5
6
7
8
LCF060502A650TG
LCF060502B650TG
LCF080602A250TG
LCF080602A750TG
LCF080602B750TG
LCF080602A900TG
LCF080602G900TG
LCF121002A350TG
LCF121002B350TG
LCF121002A650TG
LCF121002B650TG
LCF121002A750TG
LCF121002S750TG
LCF121002A900TG
LCF121002B900TG
LCF121002C900TG
LCF121002D900TG
LCF201202A900TG
LCF201202A121TG
LCF160804A750TG
LCF201204A300TG
LCF201204A101TG
LCF201204B101TG
LCF201204C101TG
LCF201204A181TG
~ : Data Line
12
Pin1
Pin2
Pin3
Pin4
Pin1
Pin2
Pin3
Pin4
Pin8
Pin7
Pin6
Pin5
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
Pin12
Pin11
Pin10
Pin9
Pin98
Pin7


Similar Part No. - LCF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Vishay Siliconix
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
148Kb / 14P
10.2" Color TFT Display
30-Jun-17
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
149Kb / 14P
10.2" Color TFT Display
30-Jun-17
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H_V01 Datasheet
149Kb / 14P
10.2" Color TFT Display
30-Jun-17
logo
M-System Co.,Ltd.
LCF-11-B MSYSTEM-LCF-11-B Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - LCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
This specification covers the performance requirements for silicon, general purpose,
logo
Advanced Crystal Techno...
ACTF46 ACT-ACTF46 Datasheet
733Kb / 7P
This specification covers the characteristics of the following SAW Duplexer used for the cordless phones:
SEPT 04
logo
Roithner LaserTechnik G...
ELD98NPT50 ROITHNER-ELD98NPT50 Datasheet
1Mb / 7P
the specification covers
logo
List of Unclassifed Man...
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
specification describes the requirements of 200,220,250,275Watts
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
This specification covers the requirements for application of CHAMP Cable Connectors
logo
STMicroelectronics
ECMF04-4HSWM10 STMICROELECTRONICS-ECMF04-4HSWM10 Datasheet
2Mb / 13P
Common-mode filter with ESD protection for high-speed serial interfaces
June 2014 Rev 1
logo
Littelfuse
LCFA LITTELFUSE-LCFA Datasheet
1Mb / 7P
LCFA Series cover the engineering requirements of Common Mode Noise Filter
LCFE LITTELFUSE-LCFE Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com