Electronic Components Datasheet Search
  English  ▼

X  

LCF Datasheet(PDF) 13 Page - Littelfuse

Part # LCF
Description  LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCF Datasheet(HTML) 13 Page - Littelfuse

Back Button LCF Datasheet HTML 9Page - Littelfuse LCF Datasheet HTML 10Page - Littelfuse LCF Datasheet HTML 11Page - Littelfuse LCF Datasheet HTML 12Page - Littelfuse LCF Datasheet HTML 13Page - Littelfuse LCF Datasheet HTML 14Page - Littelfuse LCF Datasheet HTML 15Page - Littelfuse LCF Datasheet HTML 16Page - Littelfuse LCF Datasheet HTML 17Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
Carrie Tape Dimensions
Tape and Reel Dimension
0806mm size
0806mm size
TAPE
REEL
BACK (BOTTOM) TAPE
COVER TAPE
45 PITCH
Empty Section
Empty Section Leading Section
Chip Mounting Section
50 PITCH
35 PITCH
E
D
C
W
B
R
A
t
(1) Reel Materials: Polystyrene (2) Label (3) Taping
- Standard Packing Quantity per Reel (Ø178)
- PE Tape: 10,000pcs
Code
A
B
C
D
E
W
T
R
Dimension
Ø178±2
Min. Ø50
Ø13±0.5
Ø21±0.8
2.0±0.5
10±1.5
0.8±0.2
1.0
Symbol
Dimensions
Millimeters
A
0.80±0.03
B
1.02±0.03
E
1.75±0.05
F
3.50±0.05
D0
1.55±0.03
P1
2.00±0.05
P2
2.00±0.05
P0
4.00±0.05
10P0
40.00±0.10
W
8.00±0.10
T
0.60±0.02
T’
0.63±0.05
Common Mode Noise Filter
LCF Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com