Electronic Components Datasheet Search
  English  ▼

X  

MSM5547 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM5547
Description  Digital Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5547 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM5547 Datasheet HTML 1Page - OKI electronic componets MSM5547 Datasheet HTML 2Page - OKI electronic componets MSM5547 Datasheet HTML 3Page - OKI electronic componets MSM5547 Datasheet HTML 4Page - OKI electronic componets MSM5547 Datasheet HTML 5Page - OKI electronic componets MSM5547 Datasheet HTML 6Page - OKI electronic componets MSM5547 Datasheet HTML 7Page - OKI electronic componets MSM5547 Datasheet HTML 8Page - OKI electronic componets MSM5547 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
¡ Semiconductor
MSM5547
FEDL5547-03
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Input Current
Storage Temperature Range
Symbol
Condition
Rating
Unit
VDD - VSS
VI
TSTG
Ta = 25°C
—
–0.3 to +18
VSS – 0.3 £ VI £ VDD + 0.3
–55 to +150
V
V
°C
mA
V
mA
mW
Input Voltage
P Channel Open Drain
Output Pin Withstanding Voltage
P Channel Open Drain
Output Current
Power Dissipation
II
VO
IO
PD
±10
VDD – 26
–10
200
RECOMMENDED OPERATING CONDITIONS
Power Supply Voltage
Operating Temperature
Crystal Frequency
VDD - VSS
TOP
f(x'tal)
—
V
°C
MHz
4 to 16
4.194304
–30 to +85
—
—
Parameter
Symbol
Condition
Range
Unit
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
(VDD = 6.0 V, VSS = 0 V, Ta = –30 to +85°C)
Input Voltage
"H" Input
Current
"L" Input Current
"L" Input Current
Dynamic Operating Current
VIH
VIL
IOH1
IOL1
IIL3
VOH
VOH = 4.0 V
IOL = 0A
VOH = 5.5 V
4.3
30
5.9
—
—
—
150
—
—
0.1
V
V
mA
"L" Input Current
Output
Voltage
VOL
IDD
IOH = 0A
CIN = 39 pF ±5%
COUT = 33 pF ±5%
CI = 70 W ±5%
f(x'tal) = 4.194304 MHz
No load
——
2
mA
mA
Output
Current
Output
Current
Output
Current
"1" level
"0" level
TEST 1
TEST 2
ZA, MS, HS, DIM
DIM CONT1
TEST 3, 4
A/C
SE, DIM CONT2
"1" level
(All output)
"0" level
(64 Hz output)
1 Hz, a2, d2, AM,
PM output pins
Other segment output
pins except above
64 Hz output pin
—
—
VI = VDD
VI = VSS
VOL = 0 V
VOH = 4.0 V
VOL = 0 V
VOL = 0.5 V
100
–100
—
–1000
—
–2000
–30
–3
–120
—
Typ
—
—
—
—
—
—
—
—
—
—
—
—
—
1.0
—
–1.0
–1.0
—
—
–150
–12
–800
mA
mA
mA
IIH1
IIL1
IIL2
IOH2
IOL2
IOH3
IOL3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com