Electronic Components Datasheet Search
  English  ▼

X  

MSM5547 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5547
Description  Digital Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5547 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5547 Datasheet HTML 2Page - OKI electronic componets MSM5547 Datasheet HTML 3Page - OKI electronic componets MSM5547 Datasheet HTML 4Page - OKI electronic componets MSM5547 Datasheet HTML 5Page - OKI electronic componets MSM5547 Datasheet HTML 6Page - OKI electronic componets MSM5547 Datasheet HTML 7Page - OKI electronic componets MSM5547 Datasheet HTML 8Page - OKI electronic componets MSM5547 Datasheet HTML 9Page - OKI electronic componets MSM5547 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
¡ Semiconductor
MSM5547
FEDL5547-03
64 Hz Pin
This is the output pin for oscillation frequency adjustment, which constantly outputs 64 Hz.
Chattering Removal
A chattering removal circuit is included on three input pins: MS, HS and ZA.
Less than 31.25 msec chattering is neglected.
31.25 msec or less
Input wave form
31.25 msec or less
Treatment of NC Pin
Since the NC pin of 17 pin and 39 pin are connected to the substrate, set the pins to VDD voltage
or to open status.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com