Electronic Components Datasheet Search
  English  ▼

X  

MSM5547 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5547
Description  Digital Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5547 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5547 Datasheet HTML 1Page - OKI electronic componets MSM5547 Datasheet HTML 2Page - OKI electronic componets MSM5547 Datasheet HTML 3Page - OKI electronic componets MSM5547 Datasheet HTML 4Page - OKI electronic componets MSM5547 Datasheet HTML 5Page - OKI electronic componets MSM5547 Datasheet HTML 6Page - OKI electronic componets MSM5547 Datasheet HTML 7Page - OKI electronic componets MSM5547 Datasheet HTML 8Page - OKI electronic componets MSM5547 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
¡ Semiconductor
MSM5547
FEDL5547-03
Selector pin name
"0"
(or open)
"1"
Operation mode
100% duty display
12.5% (1/8) duty display
at 4096 Hz
"1"
"1"
"0"
(or open)
"0"
(or open)
"1"
DIM
DIM CONT1
DIM CONT2
"1"
(or open)
"0"
"1"
(or open)
**
25% (1/4) duty display
at 4096 Hz
6.25% (1/16) duty display
at 4096 Hz
“1”: high level, “0”: low level, *: don’t care
Display Mode
• For 12 hour display, hour-minute 4-digit display
Hour display: 1 to 12
Minute display: 0 to 59
• 0 at highest digit is not displayed.
(Highest digit zero suppress function)
Contrast Selecting Function



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com