Electronic Components Datasheet Search
  English  ▼

X  

MSM5547 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM5547
Description  Digital Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5547 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM5547 Datasheet HTML 2Page - OKI electronic componets MSM5547 Datasheet HTML 3Page - OKI electronic componets MSM5547 Datasheet HTML 4Page - OKI electronic componets MSM5547 Datasheet HTML 5Page - OKI electronic componets MSM5547 Datasheet HTML 6Page - OKI electronic componets MSM5547 Datasheet HTML 7Page - OKI electronic componets MSM5547 Datasheet HTML 8Page - OKI electronic componets MSM5547 Datasheet HTML 9Page - OKI electronic componets MSM5547 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
¡ Semiconductor
MSM5547
FEDL5547-03
(Unit : mm)
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, TQFP, LQFP, SOJ, QFJ (PLCC), SHP, and BGA are surface mount type
packages, which are very susceptible to heat in reflow mounting and humidity absorbed in
storage. Therefore, before you perform reflow mounting, contact Oki’s responsible sales person
on the product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
PACKAGE DIMENSIONS
QFP44-P-910-0.80-L2
Mirror finish
Package material
Lead frame material
Pin treatment
Package weight (g)
Oki Electric Industry Co., Ltd.
Rev. No./Last Revised
Epoxy resin
42 alloy
Solder plating (≥5 mm)
0.35 TYP.
3/Nov. 28, 1996



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com