Electronic Components Datasheet Search
  English  ▼

X  

MSM5547 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5547
Description  Digital Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5547 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5547 Datasheet HTML 2Page - OKI electronic componets MSM5547 Datasheet HTML 3Page - OKI electronic componets MSM5547 Datasheet HTML 4Page - OKI electronic componets MSM5547 Datasheet HTML 5Page - OKI electronic componets MSM5547 Datasheet HTML 6Page - OKI electronic componets MSM5547 Datasheet HTML 7Page - OKI electronic componets MSM5547 Datasheet HTML 8Page - OKI electronic componets MSM5547 Datasheet HTML 9Page - OKI electronic componets MSM5547 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
¡ Semiconductor
MSM5547
FEDL5547-03
SE (set enable) Pin
In open status, the SE pin is held to “1” level by a pull-up resistor, enabling input from MS, HS
and ZA pins. These inputs become invalid by setting this pin to “0” level externally.
A/C (all clear) Pin
• In open status, the A/C pin is held to “1” level by a pull-up resistor, and is in inactive status.
The time counter is set at 1 hour 00 minutes 00 seconds AM by setting this pin to “0” level
externally. The counter for seconds is reset up to 16 Hz.
• If a capacitor is connected between this pin and the Vss pin, 1 hour 00 minutes AM is displayed
when power is turned on. Connect a capacitor of 4700 pF or more.
TEST Pin
• In open status, TEST 1 and 2 pins are held to “0” level by a pull-down resistor.
• In open status, TEST 3 and 4 pins are held to “1” level by a pull-up resistor.
TEST Select Function 1
Selector pin name
"0"
(or open)
"0"
(or open)
Operation mode
Normal function
"1"
TEST1
TEST2
TEST3
"1"
(or open)
"1"
(or open)
Input pulses to 16.384 KHz system of the circuit.
Input pulses to 16.384 KHz system of the circuit.
f (Pulse)
"f (Pulse)
"0"
(or open)
f (Pulse)
"1"
"1"
"1"
(or open)
Input pulses to 64 Hz system of the circuit.
f (Pulse)
"1"
"0"
"0"
"0"
Input pulses to 64 Hz system of the circuit.
Input pulses to minute counter and hour counter, and
advances 1 count with 1 pulse. (Do not carry hour
and minute counters.)
f (Pulse)
TEST Select Function 2
Selector pin name
"0"
Operation mode
The pulse widths of the all segment outputs are
controlled by the pulse width of DIM signal
TEST4
DIM
DIM CONT1
"0"
f (Pulse)
Sets all segment outputs to high impedance
*
DIM CONT2
*
* Indicates that input level can be “0” and “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com