Electronic Components Datasheet Search
  English  ▼

X  

MX7841AS Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MX7841AS
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7841AS Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MX7841AS Datasheet HTML 3Page - Maxim Integrated Products MX7841AS Datasheet HTML 4Page - Maxim Integrated Products MX7841AS Datasheet HTML 5Page - Maxim Integrated Products MX7841AS Datasheet HTML 6Page - Maxim Integrated Products MX7841AS Datasheet HTML 7Page - Maxim Integrated Products MX7841AS Datasheet HTML 8Page - Maxim Integrated Products MX7841AS Datasheet HTML 9Page - Maxim Integrated Products MX7841AS Datasheet HTML 10Page - Maxim Integrated Products MX7841AS Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
7
Pin Description
PIN
Device Sense Ground Input for OUTA and OUTB. In normal operation, OUTA and OUTB are referenced
to DUTGNDAB. When CLR is low, OUTA and OUTB are forced to the potential on DUTGNDAB.
DUTGNDAB
1
FUNCTION
NAME
DAC A Buffered Output Voltage
OUTA
2
Positive Reference Input for DACs A and B
REFAB+
4
Negative Reference Input for DACs A and B
REFAB-
3
Negative Analog Power Supply. Normally set to -15V. See the Power Supplies, Grounding, and
Bypassing section for bypass requirements.
VSS
6
Address Bit 2 (MSB)
A2
8
Load Input. Drive this asynchronous input low to transfer the contents of the input latches to their
respective DAC latches. DAC latches are transparent when LDAC is low and latched when LDAC is
high.
LDAC
7
Positive Analog Power Supply. Normally set to +15V. Connect both pins to the supply voltage. See the
Power Supplies, Grounding, and Bypassing section for bypass requirements.
VDD
5, 38
Address Bit 1
A1
9
Chip Select. Active-low input.
CS
11
Address Bit 0 (LSB)
A0
10
Write Input. Active-low strobe for conventional memory write sequence. Input data latches are transpar-
ent when WR and CS are both low. WR latches data into the DAC input latch selected by A2, A1, A0 on
the rising edge of CS.
WR
12
Digital Power Supply. Normally set to +5V. See the Power Supplies, Grounding, and Bypassing section
for bypass requirements.
VCC
13
Clear Input. Drive CLR low to force all DAC outputs to the voltage on their respective DUTGND _ _.
Does not affect the status of internal registers. All DACs return to their previous levels when CLR goes
high.
Data Bits 0–13. Offset binary coding.
DB0–DB13
15–28
Ground
GND
14
CLR
29
Positive Reference Input for DACs G and H
REFGH+
30
Negative Reference Input for DACs G and H
REFGH-
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com