Electronic Components Datasheet Search
  English  ▼

X  

MX7841AS Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MX7841AS
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7841AS Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MX7841AS Datasheet HTML 2Page - Maxim Integrated Products MX7841AS Datasheet HTML 3Page - Maxim Integrated Products MX7841AS Datasheet HTML 4Page - Maxim Integrated Products MX7841AS Datasheet HTML 5Page - Maxim Integrated Products MX7841AS Datasheet HTML 6Page - Maxim Integrated Products MX7841AS Datasheet HTML 7Page - Maxim Integrated Products MX7841AS Datasheet HTML 8Page - Maxim Integrated Products MX7841AS Datasheet HTML 9Page - Maxim Integrated Products MX7841AS Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface
6
_______________________________________________________________________________________
ZERO-SCALE ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
2
4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
010
OUT
LDAC
5V/div
5mV/div
MAJOR CARRY GLITCH IMPULSE
(0xFFFF–0x10000)
MX7841 toc13
2
µs/div
MX7841 toc14
2
µs/div
OUT
LDAC
MAJOR CARRY GLITCH IMPULSE
(0x1000–0xFFF)
5V/div
5mV/div
GAIN ERROR vs. VREF
(VREF+ - VREF-)
VREF (V)
8
6
4
2
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
-0.5
010
DNL (MAX, MIN)
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
2
4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-0.4
010
FULL-SCALE ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
2
4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
010
-40
-20
-30
0
-10
20
10
30
-40
-10
5
-25
20
35
50
65
80
SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ZERO-SCALE OUTPUT,
SINKING CURRENT
FULL-SCALE OUTPUT,
SOURCING CURRENT
Typical Operating Characteristics (continued)
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, TA =
+25°C, unless otherwise noted.)
INL (MAX, MIN)
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
4
2
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com