Electronic Components Datasheet Search
  English  ▼

X  

MX7841AS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX7841AS
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7841AS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7841AS Datasheet HTML 1Page - Maxim Integrated Products MX7841AS Datasheet HTML 2Page - Maxim Integrated Products MX7841AS Datasheet HTML 3Page - Maxim Integrated Products MX7841AS Datasheet HTML 4Page - Maxim Integrated Products MX7841AS Datasheet HTML 5Page - Maxim Integrated Products MX7841AS Datasheet HTML 6Page - Maxim Integrated Products MX7841AS Datasheet HTML 7Page - Maxim Integrated Products MX7841AS Datasheet HTML 8Page - Maxim Integrated Products MX7841AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, RL = 5k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
INTERFACE TIMING CHARACTERISTICS
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, Figure 2a,
TA = TMIN to TMAX, unless otherwise noted.)
CONDITIONS
k
Ω
60
Input Impedance per DAC
µA
±300
Maximum Input Current per DAC
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Digital inputs = 0V or VCC
µA
±1
±10
IIN
V
-2
+2
Input Range
Input Current
V
4.75
5.25
VCC
VCC Digital Power Supply
V
13.5
16.5
VDD
VDD Analog Power-Supply
Range
V
-16.75
-13.5
VSS
VSS Analog Power-Supply
Range
VSS = -15V ±5%
VDD = +15V ±5%
dB
90
RL =
∞
dB
RL =
∞
90
PSRR,
∆VOUT / ∆VDD
PSRR,
∆VOUT / ∆VSS
mA
810
ISS
mA
810
IDD
Positive Supply Current
Negative Supply Current
(Note 2)
mA
0.5
ICC
Digital Supply Current
ns
0
t4
ns
50
t3
LDAC Pulse Width Low
CS Low to WR Low
CONDITIONS
ns
50
t1
CS Pulse Width Low
ns
50
t2
WR Pulse Width Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
15
t8
ns
0
t7
Data Valid to WR Hold
Address Valid to WR Setup
ns
0
t5
CS High to WR High
ns
20
t6
Data Valid to WR Setup
ns
0
t9
Address Valid to WR Hold
(Note 1)
pF
10
CIN
Input Capacitance
V
2.4
VIH
Input Voltage High
V
0.8
VIL
Input Voltage Low
DUTGND_ _ CHARACTERISTICS
POWER SUPPLIES
DIGITAL INPUTS
(Figure 2b)
ns
300
t10
CLR Pulse-Activation Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com