Electronic Components Datasheet Search
  English  ▼

X  

MX7841AS Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MX7841AS
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7841AS Datasheet(HTML) 5 Page - Maxim Integrated Products

  MX7841AS Datasheet HTML 1Page - Maxim Integrated Products MX7841AS Datasheet HTML 2Page - Maxim Integrated Products MX7841AS Datasheet HTML 3Page - Maxim Integrated Products MX7841AS Datasheet HTML 4Page - Maxim Integrated Products MX7841AS Datasheet HTML 5Page - Maxim Integrated Products MX7841AS Datasheet HTML 6Page - Maxim Integrated Products MX7841AS Datasheet HTML 7Page - Maxim Integrated Products MX7841AS Datasheet HTML 8Page - Maxim Integrated Products MX7841AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
5
1M
10M
-40
-35
-30
-25
-20
-10
-15
-5
0
5
1k
10k
100k
REFERENCE INPUT FREQUENCY RESPONSE
FREQUENCY (Hz)
REF_ _ _ _ _ = 200mVp-p
SETTLING TIME
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
10,000
1000
100
10
20
30
40
50
60
70
80
90
100
0
10
100,000
LARGE-SIGNAL STEP RESPONSE
10
µs/div
LDAC
5V/div
OUT_
5V/div
POSITIVE SETTLING TIME
10
µs/div
OUT_
1mV/div
LDAC
5V/div
NEGATIVE SETTLING TIME
10
µs/div
OUT_
1mV/div
LDAC
5V/div
1000
100
10
100
1k
10k
NOISE VOLTAGE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
ZERO-SCALE AND FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
-0.8
-40
FULL SCALE
ZERO SCALE
IDD AND ISS
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
5.5
6.0
6.5
7.0
7.5
8.0
5.0
-40
IDD
ISS
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
35
50
-10
5
20
-25
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
20.0
-40
Typical Operating Characteristics (continued)
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, TA =
+25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com