Electronic Components Datasheet Search
  English  ▼

X  

MX7841AS Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MX7841AS
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7841AS Datasheet(HTML) 4 Page - Maxim Integrated Products

  MX7841AS Datasheet HTML 1Page - Maxim Integrated Products MX7841AS Datasheet HTML 2Page - Maxim Integrated Products MX7841AS Datasheet HTML 3Page - Maxim Integrated Products MX7841AS Datasheet HTML 4Page - Maxim Integrated Products MX7841AS Datasheet HTML 5Page - Maxim Integrated Products MX7841AS Datasheet HTML 6Page - Maxim Integrated Products MX7841AS Datasheet HTML 7Page - Maxim Integrated Products MX7841AS Datasheet HTML 8Page - Maxim Integrated Products MX7841AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface
4
_______________________________________________________________________________________
Note 1: Guaranteed by design. Not production tested.
Note 2: All digital inputs (DB_, A_, WR, CS, LDAC, and CLR) at GND or VCC potential.
Note 3: All digital inputs (DB_, A_, WR, CS, LDAC, and CLR) at +0.8V or +2.4V.
Note 4: All digital inputs (DB0 to DB13) transition from GND to VCC with WR = VCC
DYNAMIC CHARACTERISTICS
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, RL = 5k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 4)
(Note 3)
VREF+ = VREF- = 0
0.2
To ±0.5 LSB of full scale
0.1
Digital Feedthrough
Digital Crosstalk
nV/
√Hz
200
dB
99
Channel-to-Channel Isolation
CONDITIONS
Output Noise Spectral Density
230
Digital-to-Analog Glitch Impulse
nV-s
nV-s
nV-s
nV-s
40
DAC-to-DAC Crosstalk
µs
31
Output Settling Time
V/µs
0.7
Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Typical Operating Characteristics
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, TA =
+25°C, unless otherwise noted.)
INL vs. CODE
CODE
14336
12288
8192 10240
4096 6144
2048
-0.400
-0.300
-0.200
-0.100
0
0.100
0.200
0.300
0.400
0.500
-0.500
0
16384
DNL vs. CODE
CODE
14336
12288
8192 10240
4096 6144
2048
-0.400
-0.300
-0.200
-0.100
0
0.100
0.200
0.300
0.400
0.500
-0.500
0
16384
INL AND DNL ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
-20
0
20
40
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-0.4
-40
INL
DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com