Electronic Components Datasheet Search
  English  ▼

X  

6000L Datasheet(PDF) 3 Page - Keysight Technologies

Part # 6000L
Description  Low-Profile Oscilloscopes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6000L Datasheet(HTML) 3 Page - Keysight Technologies

  6000L Datasheet HTML 1Page - Keysight Technologies 6000L Datasheet HTML 2Page - Keysight Technologies 6000L Datasheet HTML 3Page - Keysight Technologies 6000L Datasheet HTML 4Page - Keysight Technologies 6000L Datasheet HTML 5Page - Keysight Technologies 6000L Datasheet HTML 6Page - Keysight Technologies 6000L Datasheet HTML 7Page - Keysight Technologies 6000L Datasheet HTML 8Page - Keysight Technologies 6000L Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
03 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Low-profile, high-density
package saves rack space
The InfiniiVision 6000L Series
oscilloscopes provide up to 1-GHz
bandwidth in a space-saving
1U-high 19-inch wide package so
it saves your valuable rack space.
The oscilloscopes have side and
rear air vents (no top or bottom
air vents) so other instruments
can be mounted directly above or
below them. Rack mount brackets
and rack rails are standard with
every unit.
LXI class C compliant
LAN eXtensions for
Instrumentation (LXI) is the
architecture for test systems
that’s based on proven, widely
used standards such as Ethernet.
By specifying the interaction of
those standards, LXI enables
fast, efficient, cost-effective
creation and reconfiguration of
test systems. The InfiniiVision
6000L Series oscilloscopes are
fully LXI class C compliant.
The InfiniiVision 6000L Series
oscilloscopes follow specified
LAN protocols, and adhere to LXI
requirements such as a built-in
Web control server, IVI driver
software, and more.
Easy system integration
and configuration
To simplify system development,
the InfiniiVision 6000L Series
oscilloscopes come standard with
an IVI-COM (Interchangeable
Virtual Instruments) driver,
and they support easy-to-use
SCPI commands. The standard
Keysight Technologies, Inc. I/O
Library Suite makes it easy
to configure and integrate
instruments into your system
– even if your system includes
instruments from other vendors.
Make the most of your rack space with an InfiniiVision 6000L Series oscilloscope.
Establish instrument connection faster with Keysight I/O Library Suite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com