Electronic Components Datasheet Search
  English  ▼

X  

6000L Datasheet(PDF) 13 Page - Keysight Technologies

Part # 6000L
Description  Low-Profile Oscilloscopes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6000L Datasheet(HTML) 13 Page - Keysight Technologies

Back Button 6000L Datasheet HTML 9Page - Keysight Technologies 6000L Datasheet HTML 10Page - Keysight Technologies 6000L Datasheet HTML 11Page - Keysight Technologies 6000L Datasheet HTML 12Page - Keysight Technologies 6000L Datasheet HTML 13Page - Keysight Technologies 6000L Datasheet HTML 14Page - Keysight Technologies 6000L Datasheet HTML 15Page - Keysight Technologies 6000L Datasheet HTML 16Page - Keysight Technologies 6000L Datasheet HTML 17Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Ordering information
Model number
Description
DSO6104L
1 GHz 4-ch DSO
DSO6054L
500 MHz 4-ch DSO
DSO6014L
100 MHz 4-ch DSO
Accessories included:
Model number
DSO6104L/6054L
DSO6014L
User’s guide, Service guide,
√
√
Programmer’s guide
Power cord
√
√
10:1 divider passive probe per
√
√
scope channel
Keysight IO Libraries Suite 14.2
√
√
GPIB extender
√
√
50 Ω termination adapter
√
Crossover LAN cable
√
√
Rack mount hardware
√
√
Available options
Option number
Description
DSO6014L
DSO6054L/6104L
N2914A*
MSO upgrade kit
√
N2915A*
MSO upgrade kit
√
N5427A(-SEC)
Secure environment mode
√
√
N5423A(-LSS)
I2C/SPI triggering and decode option
√
√
N5424A(-AMS)
CAN/LIN triggering and decode option
√
√
N5454A(- SGM)
Segmented memory application
√
√
N5457A (- 232)
RS-232/UART triggering and decode
√
√
N5468A
I2S Triggering and decode option
√
√
N5455A
Mask testing- limit
√
√
* Includes a 54620-68701 logic cable kit, a label and an upgrade key code to activate the MSO features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com