Electronic Components Datasheet Search
  English  ▼

X  

6000L Datasheet(PDF) 14 Page - Keysight Technologies

Part # 6000L
Description  Low-Profile Oscilloscopes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6000L Datasheet(HTML) 14 Page - Keysight Technologies

Back Button 6000L Datasheet HTML 9Page - Keysight Technologies 6000L Datasheet HTML 10Page - Keysight Technologies 6000L Datasheet HTML 11Page - Keysight Technologies 6000L Datasheet HTML 12Page - Keysight Technologies 6000L Datasheet HTML 13Page - Keysight Technologies 6000L Datasheet HTML 14Page - Keysight Technologies 6000L Datasheet HTML 15Page - Keysight Technologies 6000L Datasheet HTML 16Page - Keysight Technologies 6000L Datasheet HTML 17Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Ordering information (continued)
Warranty and calibration options
Contact local sales office for prices of extended options.
Passive probes
Product number
Description
10070C
1:1 passive probe with ID
10074C
10:1 150MHz passive probe with ID (shipped standard with DSO6014L model)
10073C
10:1 500 MHz passive probe with ID (shipped standard with DSO6054L/6104L models)
Current probes
Product number
Description
1146A
100-kHz current probe, ac/dc
1147B
50-MHz/15A current probe, ac/dc with AutoProbe interface
(power supply not required)
N2780A
2MHz/500A current probe, AC/DC
N2781A
10MHz/150A current probe, AC/DC
N2782A
50MHz/30A current probe, AC/DC
N2783A
100MHz/30A current probe, AC/DC
N2779A
Power supply for N278xA current probes
High-voltage probes
Product number
Description
10076A
100:1, 4 kV, 250-MHz probe with ID
N2771A
1000:1, 15 kV, 50-MHz high-voltage probe
Logic probes
Product number
Description
10085-68701
16:16 logic cable and terminator
54620-68701
16:2 x 8 logic input probe assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com