Electronic Components Datasheet Search
  English  ▼

X  

6000L Datasheet(PDF) 2 Page - Keysight Technologies

Part # 6000L
Description  Low-Profile Oscilloscopes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6000L Datasheet(HTML) 2 Page - Keysight Technologies

  6000L Datasheet HTML 1Page - Keysight Technologies 6000L Datasheet HTML 2Page - Keysight Technologies 6000L Datasheet HTML 3Page - Keysight Technologies 6000L Datasheet HTML 4Page - Keysight Technologies 6000L Datasheet HTML 5Page - Keysight Technologies 6000L Datasheet HTML 6Page - Keysight Technologies 6000L Datasheet HTML 7Page - Keysight Technologies 6000L Datasheet HTML 8Page - Keysight Technologies 6000L Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Introduction
Four channels in only 1U space
Industry-leading performance:
– 4-channel digital storage oscilloscope (DSO) models
– Low profile, high density 1U (4.45 cm, 1.75 inches) package
– LXI class C compliant
– 100 MHz, 500 MHz and 1 GHz analog bandwidth
– Up to 4 GSa/s sample rate
– Standard 8 Mpts MegaZoom III deep memory
– Full-scale connectivity – Standard USB, LAN, GPIB interface with XGA video output
– 8-bit vertical resolution (extensible to 12 bits)
– Built-in Web browser control
– IVI-COM driver
– 100% software compatible with 6000A Series portable oscilloscopes
– Optional segmented memory application
– Optional secure environment mode
The highest performance and lowest cost automated
test oscilloscope in its class.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com