Electronic Components Datasheet Search
  English  ▼

X  

6000L Datasheet(PDF) 4 Page - Keysight Technologies

Part # 6000L
Description  Low-Profile Oscilloscopes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6000L Datasheet(HTML) 4 Page - Keysight Technologies

  6000L Datasheet HTML 1Page - Keysight Technologies 6000L Datasheet HTML 2Page - Keysight Technologies 6000L Datasheet HTML 3Page - Keysight Technologies 6000L Datasheet HTML 4Page - Keysight Technologies 6000L Datasheet HTML 5Page - Keysight Technologies 6000L Datasheet HTML 6Page - Keysight Technologies 6000L Datasheet HTML 7Page - Keysight Technologies 6000L Datasheet HTML 8Page - Keysight Technologies 6000L Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
04 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Built-in Web control
The built-in Web server provides
remote access and control of
the instrument via a standard
Java-enabled Web browser
on your computer. You can
communicate with the scope
over the scope’s built-in LAN
interface. Using the Web browser
you can set up measurements,
monitor waveforms, capture
screen images and operate
the scope remotely. Through
the remote front panel you
have access to the built-in help
system that is available in eleven
languages. Simply right click
on the soft keys to see help for
that function. You can also send
SCPI commands over the LAN
to control your scope. Wherever
you are, your InfiniiVision 6000L
Series scope is as close as the
nearest Web browser.
Optional secure
environment mode
The optional secure environment
mode provides the highest
level of security by ensuring
that internal memory is clear
of all setup and trace settings
in compliance with National
Industrial Security Program
Operating Manual (NISPOM)
Chapter 8 requirements. You
can move the instrument out of
a secure area with confidence.
When this option is installed, it
will store setups and traces to
internal volatile memory only. To
permanently store data, you can
save it to an external memory
device via the oscilloscope’s
front-panel USB port.
Remotely display and control your InfiniiVision 6000L oscilloscope from any
Java-enabled web browser over the oscilloscope’s built-in LAN interface.
Up to 12 bits of resolution
High resolution mode offers up
to 12 bits of resolution in real-
time mode, which reduces noise
and increases vertical resolution.
When operating at slow time
base ranges, the InfiniiVision
6000L Series oscilloscopes
serially filter sequential data
points and map the filtered
results to the display. In certain
situations, user-controlled
averaging can also be used to
obtain greater than 8-bits of
resolution.
Time base
Bits of resolution
< 100 nsec/div
8
500 nsec/div
9
2 µsec/div
10
10 µsec/div
11
≥ 50 µsec/div
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com