Electronic Components Datasheet Search
  English  ▼

X  

DSOX6MASK Datasheet(PDF) 31 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 31 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 27Page - Keysight Technologies DSOX6MASK Datasheet HTML 28Page - Keysight Technologies DSOX6MASK Datasheet HTML 29Page - Keysight Technologies DSOX6MASK Datasheet HTML 30Page - Keysight Technologies DSOX6MASK Datasheet HTML 31Page - Keysight Technologies DSOX6MASK Datasheet HTML 32Page - Keysight Technologies DSOX6MASK Datasheet HTML 33Page - Keysight Technologies DSOX6MASK Datasheet HTML 34Page - Keysight Technologies DSOX6MASK Datasheet HTML 35Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
31 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Configure your InfiniiVision 6000 X-Series Oscilloscope (Continued)
Step 4. Choose your probes. For a complete list of compatible probes, see Keysight document
5968-8153EN
Probes
Standard/Optional
N2894A passive probe 700 MHz, 10:1, 9.5 pF, 10 MΩ
Included standard; 1 per channel
N2756A 16 digital channel MSO cable
Included standard on MSOX models and DSOX6MSO
N2870A passive probe 35 MHz, 1:1, 1 MΩ
Optional
10076B high-voltage passive probe (4 kV)
Optional
N2796A active single-ended probe 2 GHz, 1 pF, 1 MΩ with AutoProbe
Optional
N2797A active single-ended probe 1.5 GHz, extreme temperature
Optional
N2750A InfiniiMode differential probe 1.5 GHz, 700 fF, 200 kΩ with AutoProbe
Optional
N2751A InfiniiMode differential probe 3.5 GHz, 700 fF, 200 kΩ with AutoProbe
Optional
N2752A InfiniiMode differential probe 6.0 GHz, 700 fF, 200 kΩ with AutoProbe
Optional
N2790A differential active probe 100 MHz, ± 1.4 kV, 4 MΩ with AutoProbe
Optional
N2819A 800-MHz, 10:1 differential probe, 200 kΩ with AutoProbe
Optional
1147B AC/DC current probe, 50 MHz, 15 A with AutoProbe
Optional
N2893A AC/DC current probe, 100 MHz, 15 A with AutoProbe
Optional
N2820A 2-channel high-sensitivity current probe, 50 µA to 5 A
Optional
54855-67604 Precision BNC to SMA adapter
Optional
N7020A power rail probe 2 GHz, 1:1, 50 kΩ, ± 24 V offset range
Optional
N2804A high voltage differential probe, 300 MHz, ± 300 V (DC + peak AC), 100:1, 4-MΩ, 4 pF
Optional
N7040A 23 MHz, 3 kA, AC current probe
Optional
N7041A 30 MHz, 600 A, AC current probe
Optional
N7042A 30 MHz, 300 A, AC current probe
Optional
N7026A 150 MHz, 40 Apk, AC/DC high-sensitivity current probe with AutoProbe
Optional
Step 5. Choose your accessories and calibration plans
Recommended accessories and calibration plans
Model number
GPIB connection module
N4865A
Rack mount kit
N2111A
Soft carrying case
N2733B
Hard copy manual
N2112A
Hard transit case - available from Case Cruzer
(
http://www.casecruzer.com/oscilloscope/3a1311-2710j.html)
3A1311-2710J
ANSI Z540-1-1994 calibration
D/MSOX6000-A6J
ISO17025 compliant calibration with accreditation
D/MSOX6000-AMG
After-purchase bandwidth and digital channel upgrades
Recommended accessories
Model number
1.0 to 2.5 GHz bandwidth upgrade, 2 ch, fixed perpetual license
DSOX6B10T252BW
1.0 to 4.0 GHz bandwidth upgrade, 2 ch, fixed perpetual license
DSOX6B10T402BW
1.0 to 6.0 GHz bandwidth upgrade, 2 ch, fixed perpetual license
DSOX6B10T602BW
2.5 to 4.0 GHz bandwidth upgrade, 2 ch, fixed perpetual license
DSOX6B25T402BW
2.5 to 6.0 GHz bandwidth upgrade, 2 ch, fixed perpetual license
DSOX6B25T602BW
4.0 to 6.0 GHz bandwidth upgrade, 2 ch, fixed perpetual license
DSOX6B40T602BW
1.0 to 2.5 GHz bandwidth upgrade, 4 ch, fixed perpetual license
DSOX6B10T254BW
1.0 to 4.0 GHz bandwidth upgrade, 4 ch, fixed perpetual license
DSOX6B10T404BW
1.0 to 6.0 GHz bandwidth upgrade, 4 ch, fixed perpetual license
DSOX6B10T604BW
2.5 to 4.0 GHz bandwidth upgrade, 4 ch, fixed perpetual license
DSOX6B25T404BW
2.5 to 6.0 GHz bandwidth upgrade, 4 ch, fixed perpetual license
DSOX6B25T604BW
4.0 to 6.0 GHz bandwidth upgrade, 4 ch, fixed perpetual license
DSOX6B40T604BW
InfiniiVision 6000 X-Series oscilloscope MSO upgrade
DSOX6MSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com