Electronic Components Datasheet Search
  English  ▼

X  

DSOX6MASK Datasheet(PDF) 42 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 42 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 37Page - Keysight Technologies DSOX6MASK Datasheet HTML 38Page - Keysight Technologies DSOX6MASK Datasheet HTML 39Page - Keysight Technologies DSOX6MASK Datasheet HTML 40Page - Keysight Technologies DSOX6MASK Datasheet HTML 41Page - Keysight Technologies DSOX6MASK Datasheet HTML 42Page - Keysight Technologies DSOX6MASK Datasheet HTML 43Page - Keysight Technologies DSOX6MASK Datasheet HTML 44Page - Keysight Technologies DSOX6MASK Datasheet HTML 45Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
42 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Connectivity
USB 2.0 hi-speed host port
USB 2.0 hi-speed host ports x3, two front and one real panel. Supports memory devices, printers, keyboards, mice,
and USB microphones
USB 2.0 hi-speed device port
One USB 2.0 hi-speed device port on rear panel. USB Test and Measurement Class (USBTMC) compatible
LAN port
10/100/1000 Base-T port on rear panel. LXI IPv6 extended function
Web remote control
VNC Web interface (via major Web browsers)
Video-out port
VGA out on rear panel. Connect oscilloscope display to an external monitor or projector
GPIB port
N4865A GPIB-to-LAN adapter (option)
10-MHz reference
BNC connector on the rear panel
Support mode
Output and input off, output on (10-MHz out) input on (10-MHz in)
In mode
50 Ω, 356 mVpp to 4.48 Vpp (–5 dBm to 17 dBm), 6.32-Vpp max (20-dBm max)
Recommended input signal accuracy: better than ± 10 ppm
Out mode
50 Ω, 1.65 Vpp square wave
Trigger out
BNC connector on the rear panel. Supported modes: triggers, mask, waveform generator 1 sync pulse, and waveform
generator 2 sync pulse
General and environmental characteristics
Power line consumption
Maximum 200 W
Power voltage range
100-120 V, 50/60/400 Hz; 100-240 V, 50/60 Hz ± 10% auto ranging
Temperature
Operating
0 to +50 °C
Non-operating
–40 to +70 °C
Humidity
Operating
90% RH (non-condensing) at 40 °C
Non-operating
90% RH (non-condensing) at 65 °C
Altitude
Operating
Up to 4,000 m (15,000 ft.)
Non-operating
Up to 15,300 m (50,000 ft.)
Electromagnetic compatibility
Meets EMC Directive (2004/108/EC), meets or exceeds IEC 61326-1:2005/EN
61326-1:2006 Group 1 Class A requirement
CISPR 11/EN 55011
IEC 61000-4-2/EN 61000-4-2
IEC 61000-4-3/EN 61000-4-3
IEC 61000-4-4/EN 61000-4-4
IEC 61000-4-5/EN 61000-4-5
IEC 61000-4-6/EN 61000-4-6
IEC 61000-4-11/EN 61000-4-11
Canada: ICES-001:2004
Australia/New Zealand: AS/NZS
Safety
UL61010-1 3rd edition, CAN/CSA_22.2 No. 61010-1-12, IEC61010-1 3rd edition
Vibration
Meets IEC60068-2-6 and MIL-PRF-28800; class 3 random
Shock
Meets IEC 60068-2-27 and MIL-PRF-28800; class 3 random; (operating 30 g, ½ sine,
11-ms duration, 3 shocks/axis along major axis, total of 18 shocks)
Mean Time Before Failure (MTBF)
> 120,000 hours
Dimensions
425 mm W x 288 mm H x 148 mm D
Weight
Net: 6.8 kg (15 lbs.), Shipping: 11.3 kg (25 lbs.)
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com