| Electronic Components Datasheet Search |
|
DSOX6MASK Datasheet(PDF) 14 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX6MASK Datasheet(HTML) 14 Page - Keysight Technologies |
|
14 / 45 page ![]() 14 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet New Standard for Price Performance: Bandwidth, Visualization, and Integration Integration (Continued) Integrate protocol analysis: Optional hardware- based serial bus protocol decode and trigger Keysight Technologies, Inc. InfiniiVision X-Series scopes are the only oscilloscopes that use hardware-based serial protocol decoding. Other vendors’ oscilloscopes use software post-processing techniques to decode serial packets ⁄ frames. Software implementations have slow waveform and decode capture rates and can miss critical events and errors due to long dead-times. Faster decoding with hardware-based technology enhances your probability of capturing infrequent serial communication errors. Some serial protocol decodes come with a standard event counter, which is another benefit of the hardware- based implementation. After capturing serial bus communication, you can easily perform a search operation based on specific criteria and then quickly navigate to bytes/frames of serial data that satisfy that search criteria. The 6000 X-Series can decode two serial buses simultaneously using hardware-based decoding, and display the captured data in a time interleaved lister display. The 6000 X-Series has eight options supporting 10 different serial protocols, including I2C, SPI 1, USB 2.0, RS232/UART, CAN (CAN-dbc), CAN-FD (ISO and non-ISO), LIN, LIN symbolic, SENT, FlexRay, MIL-STD 1553, ARINC 429, I²S, user-definable Manchester, user-definable NRZ, and USB PD (see page 26). 1. SPI trigger and decode requires 4, 2+16, or 4+16 channel 6000 X-Series. Figure 29. Dual-channel generator generating a differential signal. Figure 30. USB 2.0 protocol trigger and decode option display. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |