Electronic Components Datasheet Search
  English  ▼

X  

DSOX6MASK Datasheet(PDF) 16 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 16 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 12Page - Keysight Technologies DSOX6MASK Datasheet HTML 13Page - Keysight Technologies DSOX6MASK Datasheet HTML 14Page - Keysight Technologies DSOX6MASK Datasheet HTML 15Page - Keysight Technologies DSOX6MASK Datasheet HTML 16Page - Keysight Technologies DSOX6MASK Datasheet HTML 17Page - Keysight Technologies DSOX6MASK Datasheet HTML 18Page - Keysight Technologies DSOX6MASK Datasheet HTML 19Page - Keysight Technologies DSOX6MASK Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
16 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Figure 32. 10-digit counter making precise frequency measurement on a
2.5-GHz signal.
Figure 33. The precise 10-digit counter found the true frequency of a
clock to be a little less than 20 MHz.
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Integration (Continued)
Integrate frequency measurements: Standard
10-digit counter and totalizer
With the 6000 X-Series’ standard 10-digit counter, your
expectations of an oscilloscope counter will be redefined.
Traditional oscilloscope counter measurements offer only five
or six digits of resolution. While this level of precision is fine for
quick measurements, it falls short of expectations when the
most critical frequency measurements are being made. With the
integrated 10-digit counter in the 6000 X-Series, you can see
your measurements with the precision you would normally expect
only from a standalone counter. Because the integrated counter
measures frequencies up to a wide bandwidth of 3.2 GHz, you
can use it for many high-frequency applications as well. If you
are looking for the ultimate precision, you can optionally connect
your 6000 X-Series oscilloscope to your most trusted 10-MHz
reference source to share a common 10-MHz clock.
The totalizer feature of the counter option adds another valuable
capability to the oscilloscope. It can count the number of events
(totalize), and it also can monitor the number of trigger-condition-
qualified events. Note, the trigger-qualified events totalizer
does not require an actual trigger to occur. It only requires a
trigger-satisfying event to take place. In other words, the totalizer
can monitor events faster than the trigger rate of a scope, as fast
as 25 million events per second (a function of the oscilloscope’s
holdoff time, which has the minimum of 40 ns). Figures 34 and
35 show examples of a totalizer counting the number of FlexRay
error packets and the number of runt signals that took place in a
design.
Figure 34. Totalizing the number of CAN errors.
Figure 35. Totalizing the number of runt errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com