Electronic Components Datasheet Search
  English  ▼

X  

DSOX6MASK Datasheet(PDF) 15 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 15 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 11Page - Keysight Technologies DSOX6MASK Datasheet HTML 12Page - Keysight Technologies DSOX6MASK Datasheet HTML 13Page - Keysight Technologies DSOX6MASK Datasheet HTML 14Page - Keysight Technologies DSOX6MASK Datasheet HTML 15Page - Keysight Technologies DSOX6MASK Datasheet HTML 16Page - Keysight Technologies DSOX6MASK Datasheet HTML 17Page - Keysight Technologies DSOX6MASK Datasheet HTML 18Page - Keysight Technologies DSOX6MASK Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Figure 31. DVM display.
Integrate a quick tester: Standard 3-digit digital
voltmeter
There is a standard built-in 3-digit voltmeter (DVM) on your 6000
X-Series oscilloscope. The voltmeter operates through the
same probes as the oscilloscope channels. However, the DVM
measurements are made independently from the oscilloscope
acquisition and triggering system so you can make both the DVM
and triggered oscilloscope waveform captures with the same
connection. The voltmeter results are always displayed, keeping
these quick characterization measurements at your fingertips.
Integration (Continued)
Frequency Response Analysis (FRA) Option
Frequency Response Analysis (FRA) is an often-critical
measurement used to characterize the frequency response (gain
and phase versus frequency) of a variety of today’s electronic
designs, including passive filters, amplifier circuits, and negative
feedback networks of switch mode power supplies (loop
response). InfiniiVision 6000 X-Series oscilloscopes licensed with
the DSOX6FRA option use the oscilloscope’s built-in waveform
generator (WaveGen) to stimulate the circuit under test at various
frequency settings and capture the input and output signals
using two oscilloscope channels. At each test frequency, the
oscilloscope measures, computes, and plots gain (20LogVout/
Vin) and phase logarithmically.
New Standard for Price Performance: Bandwidth, Visualization, and Integration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com