Electronic Components Datasheet Search
  English  ▼

X  

OV5017 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV5017 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
October 20, 1997
Version 1.6
3
OV5017
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
Pin Type and Default Level:
I: digital input, floating, I-1: digital input, with 100k pull up, I-0: digital input, with 100k pull down, OD: digital CMOS level output, OA: analog
CMOS, level output, XI/XO: xtal IO, K: analog input, Q: 75
Ω output, FT: factory test, Bias: power supply bias
22
I
WEB
Write enable input for the internal registers. When the chip is selected (CSB = 0),
external data is latched into the registers with the rising edge of WEB.
23
I
CSB
Chip select for the device. CSB = 0 selects the device.
24, 25
OD
XCLKI,
XCLKO
Crystal oscillator in/out pins. Nominal clock frequency is 14.31MHz for CCIR 50 Hz
timing. The maximum pixel rate is limited to one half of the clock frequency. To
connect an external clock to XCLKI, leave XCLKO open.
26
OD
HREF
Horizontal timing reference output. Asserted high during every valid line for the
duration of the valid window width. The window sizing function affects the number
of valid lines in a frame as well as the number of valid pixels in a line. HREF and
status(1), are identical valid pixel timing information.
27
OD
PCLK
Pixel clock output. Defaulted to be a continuous clock. Can be programmed via the
internal register to be on during the valid pixel window only. Video data at output
bus (D0-D7) is updated with the rising edge of PCLK and is guaranteed to be valid
at the falling edge of PCLK.
28
OD
VSYNC
Vertical timing reference output. It is high once per frame for the duration of the
vertical sync period. VSYNC and status (2) are identical vertical sync timing
information.
29
Bias
DVDD
Digital power (+5V) connection.
30
Bias
DGND
Digital ground. Connect to supply common
31
Bias
OGND
Digital output ground. Connect to supply common
32-39
OD
D0-D7
Bi-directional data bus for video output data and internal register read/write
operations.
40
Bias
OVDD
Digital output power (+5V/+3.3V) connection.
41
Bias
ZVDD
Analog power (+5V) connection.
42
Bias
VR2
Internal reference voltage. Requires a 0.1uF external capacitor to AGND.
43
Bias
ZGND
Analog ground. Connect to supply common.
44
Bias
DEGND
Decoder ground. Connect to supply common.
45
Bias
DEVDD
Decoder power (+5V) connection.
47
Bias
VVDD
Video output power (+5V) connection.
48
Q
AVO
Composite video output. It is capable of driving 150
Ω load, Vp-p is 2.0 V.
Table 1.Pin Descriptions (Continued)
Pin #
Class
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com