Electronic Components Datasheet Search
  English  ▼

X  

OV5017 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OV5017
10
Version 1.6
October 20, 1997
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
3. Electrical Specifications
This section provides the electrical parameters descriptions and timing diagrams.
3.1 Electrical Parameters
Table 4. Electrical parameters (0oC < TA < 85oC, voltages referenced to GND)
Symbol
Descriptions
Max
Type
Min
Units
Supply
VDD1
Supply voltage (digital/analog: DEVDD,
ZVDD, AVDD, SVDD, VVDD, DVDD)
5.25
5.0
4.75
V
VDD2
Supply voltage (OVDD)
5.5
3.6
5.0
3.3
4.5
3.0
V
V
IDD1
Supply Current (@ 50fps, 50pf CMOS load
on data bus)
40
-
-
mA
IDD2
Standby supply current
100
-
-
uA
Inputs
VIL
Input voltage LOW
0.8
-
-
V
VIH
Input voltage HIGH
-
-
2.0
V
Cin
Input capacitor
10
-
-
pF
tr, tr
Digital input rise/fall time
25
-
-
ns
Outputs - standard load 25pf, 1.2k
Ω to 3.0volts
VOH
Output voltage HIGH
-
-
2.4
V
VOL
Output voltage LOW
0.6
-
-
V
Clock input / Crystal Oscillator
fosc
Resonator frequency
-
14.31818
-
MHz
Load capacitor
-
10
-
pF
Parallel resistance
1M
W
Clock input rise/fall time
5
-
25
ns
Duty cycle if external clock input
60
40
%
Video timing
tPCLK
PCLK cycle time (@ 50Hz fps)
-
-
139
ns
tPHD
PCLK to HREF delay
25
-
-
ns
tPDD
PCLK to DATA delay
25
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com