Electronic Components Datasheet Search
  English  ▼

X  

OV5017 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OV5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
October 20, 1997
Version 1.6
9
OV5017
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
The array is divided into 16x16 blocks as
shown in Figure 1.1. each block is H24xV18 pixels.
The method for selecting vertical and horizontal
window region is the same. Each direction uses an
eight-bit register. Bit [7:4] selects the start block
location. Bit [3:0] selects the end block location. For
example, to select the shaded area as the active
region, use HWCTL=4cH,VWCTL=44H.
This window selection feature changes only the
assertion time of HREF and does not change the
pixel rate or the data rate. If the end location is
equal to or less than the start location, the window
size is from start location to the end of the right
most edge.
Figure 4. Windowing
Table 3. Bit descriptions (Continued)
Register
Name
Bit name
Range
Function
HWS
VWS
2 3
1
15
0
7
11
– 24 X18 PIXELS
HWE
VWE
HREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com