Electronic Components Datasheet Search
  English  ▼

X  

PD64012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD64012 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PD64012
12-channel PoE Manager
Preliminary Datasheet
Description __________________
PowerDsine’s™
PD64012
Power
over
Ethernet
(PoE) Manager chip integrates power, analog and
logic functions into a single 64-pin, plastic pack. It is
used in Ethernet switches and Midspans to allow next
generation network devices to share power and data
over the same cable.
The device is a twelve-port, mix-signal, high-voltage
Power over Ethernet driver. The PoE Manager allows
the
detection
of
IEEE
802.3af-2003
compliant
terminals, referred to as powered devices or PDs,
ensuring safe power feeding and removal over
Ethernet ports. With full digital control via a serial
communication interface and a minimum of external
components, the device integrates in multi-port and
highly populated Ethernet switches.
The PD64012 implements all real time functions
according to IEEE 802.3af-2003, including: detection,
classification, and port status monitoring; as well as
system level activities such as: power management
and MIB support, for system management. The PoE
Manager
is
designed
to
detect
and
disable
disconnected
ports,
using
both
DC
and
AC
disconnect methods, as defined in IEEE 802.3af-
2003.
The
PD64012
has
two
possible
working
configurations: an Auto mode (stand-alone topology)
for basic PoE functions and an Enhanced mode for
extended functions.
Pin Configuration _____________
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
PD64012
VPERI
EXT_REG
VCC2p5
ASICINI
I2CINI
ADC2p5
IREF
QGND
RESET_N
SDA
SCL
SCK
MOSI
MISO
CS0_N
Features ____________________
♦ IEEE 802.3af-2003 compliant
♦ Drives 12 independent power ports
♦ Can be cascaded for up to 48 ports, using a
master/slave architecture
♦ Supports IETF Power Ethernet MIB (RFC 3621)
♦ Thermal protection per port
♦ Thermal monitoring capabilities
♦ Multi-point resistor detection
♦ Supports DC modulation method under-current
detection according to IEEE 802.3af-2003
♦ AC & DC disconnect functions
♦ PD classification function
♦ Operates from single input (44 to 57 V)
♦ I2C bus interface
♦ Supports foldback current limiting
♦ Digitally programmable overcurrent protection
per port
♦ Digitally programmable timers
♦ Power management algorithm for up to 48 ports
♦ Internal power-on reset
♦ Power soft-start algorithm
♦ Fast power shutdown, in case of power
supply failure
♦ Automatic on/off sequencer for up to 48 ports
♦ Disable/enable power feeding
♦ Continuous port current monitoring
VPORT_POS7
VPORT_POS1
VPORT_POS2
VPORT_POS3
VPORT_POS4
VPORT_POS5
VPORT_POS9
VPORT_POS10
VPORT_POS11
VMAIN
VPORT_POS8
CP_IN
CP_OUT
REF_PORT_NEG
VPORT_POS6
VPORT_POS0
DGND
04202AL1W07
♦ Supports back-off feature for Midspan
implementation
♦ Additional features for Enhanced mode:
• UART interface
• Pre-standard PD detection
• Supports non-standard terminals
• Advanced power management
• Programmable port matrix
Ordering Information
PART
TEMP. RANGE
PIN PACKAGE
PD64012
-20 to +85
°C
LQFP-64
Date code: see the bottom line (04202AL1W07) in
the Pin Configuration drawing. “0420” is the date
code. “04” the year (2004), while “20” is the week.
PowerDsine
The Power over Ethernet Pioneers
This document contains information that is proprietary to PowerDsine. As such, it is confidential and its disclosure is strictly prohibited by applicable law. If you and/or your company and PowerDsine
have executed a Non-Disclosure Agreement, then this document is being provided in connection with the Agreement, and the information contained herein is covered by the Agreement and under its
terms may not be disclosed or used and must be protected by you and/or your company.


Similar Part No. - PD64012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
More results

Similar Description - PD64012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
1-Port PoE Manager
PD64001H MICROSEMI-PD64001H Datasheet
384Kb / 14P
1-Port PoE Manager
logo
STMicroelectronics
STE12PS STMICROELECTRONICS-STE12PS Datasheet
797Kb / 44P
12 channel integrated PSE line manager
17-Aug-2007
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com