Electronic Components Datasheet Search
  English  ▼

X  

PD64012 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 14Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 15Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
R6
VPeri
MISO
SCK
MOSI
R1
R2
ASIC_INI
I2C_INI
Reset
Disable_Ports_N
Vperi
220n
45.3K
2R
Vport_Pos_1
Vport_Neg_1
Vport_Pos
Vport_Neg
Vport_Sense
Vport_Pos
Vport_Neg
Vport_Sense
Vport_Pos_12
Vport_Neg_12
x12
x12
+48VMain
VPeri 3.3v
Reset
Disable_Ports_N
Sense_Neg
ADC2P5
CS_1
MISO
SCK
MOSI
CS_1
CS_0
CS_0
Reset
Disable_Ports_N
MISO
SCK
MOSI
CS_1
CS_0
MISO
SCK
MOSI
Reset
Disable_Ports
CS_1_1
CS_1_2
CS_1_3
CS_1_4
VPeri 3.3v
DGND
DGND
Opto
Isolators
I2C or UART
Host CPU
DGND
PD-64012
#00
PD-64012
#01
PD-64012
#11
MC9S08
1u
100n
(PD-64012
#10)
Figure 9 - Enhanced Mode Application
To
Opto
R5
R8
VPeri
MISO
SCK
CS_0
CS_1
MOSI
R1
R2
R3
R4
Ex_Reg
ASIC_INI
I2C_INI
Reset
SDA
SCL
Disable_Ports_N
220n
45.3K
2R
Vport_Pos_1
Vport_Neg_1
Vport_Pos
Vport_Neg
Vport_Sense
Vport_Pos
Vport_Neg
Vport_Sense
Vport_Pos_12
Vport_Neg_12
x12
x12
+48VMain
VPeri 3.3v
MISO
SCK
CS_0
CS_1
MOSI
Reset
SDA
SCL
Disable_Ports_N
MISO
SCK
CS_0
CS_1
MOSI
Reset
SDA
SCL
Disable_Ports_N
Sense_Neg
ADC2P5
#00
Master
#10
Slave
#11
Slave
Figure 10 - Automatic Mode Application
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com