Electronic Components Datasheet Search
  English  ▼

X  

PD64012 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 14Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
I2C Interface
A standard I
2C interface is used to communicate between the PD64012 and the host controller.
The PD64012’s I
2C interface is designed to support the following features:
♦ SLAVE mode only
♦ Normal-mode and Fast-mode data rate (0 to 400 kb/s)
♦ 7-bit addressing - the 7-bit addressing (128 addresses) uses the following address code:
• First MSB = “0” (forced by internal logic)
• 4 MSB address bits are set via the I2C_INI pin, according to the following table
• “mm” bits are set through the ASIC_INI pin (Enhanced mode = “00”; Automatic mode Master
=”00”; Automatic mode Slave = “01”, “10”, “11”)
• “xxx” - 3 LSB are ignored.
I
2C ADDRESS I2C_INI VOLTAGE LEVEL I2C_INI INTERNAL A/D REGISTER
NOTES
Address #0
0 to 0.15 V
0,0000,mm,xxx
Address #1
0.16 to 0.31 V
0,0001,mm,xxx
Address #2
0.32 to 0.47 V
0,0010,mm,xxx
Address #3
0.48 to 0.62 V
0,0011,mm,xxx
General call addresses; not to be
used
Address #4
0.63 to 0.77 V
0,0100,mm,xxx
Address #5
0.78 to 0.93 V
0,0101,mm,xxx
Address #6
0.94 to 1.09 V
0,0110,mm,xxx
Address #7
1.10 to 1.24 V
0,0111,mm,xxx
Address #8
1.25 to 1.40 V
0,1000,mm,xxx
Address #9
1.41 to 1.55 V
0,1001,mm,xxx
Address #10
1.56 to 1.71 V
0,1010,mm,xxx
Address #11
1.72 to 1.87
0,1011,mm,xxx
Address #12
1.88 to 2.02 V
0,1100,mm,xxx
Address #13
2.03 to 2.18 V
0,1101,mm,xxx
Address #14
2.19 to 2.33 V
0,1110,mm,xxx
Address #15
2.34 to 2.5 V
1,1111,mm,xxx
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com