Electronic Components Datasheet Search
  English  ▼

X  

PD64012 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 14Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 15Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Package Information
The PD64012 is housed in a 64-pin plastic package, 10 x 10 x 1.4 mm, meeting JEDEC’s MS-026 package outline
and dimensions. Exposed pad (for heat-sinking purposes) dimensions are 6.00 by 7.00 mm.
D/2
E1/2
E/2
D1
D
E1
E
4 Pls
PIN 1
IDENTIFIER
64
49
48
33
32
17
16
1
7
0.2 H A-B D
0.2 C A-B D
VIEW Y
B
A
D
D1/2
D
Notes:
1.
Dimensions are in millimeters.
2.
Interpret dimensions and tolerances per ASME
Y14.5m-1994.
3.
Datums A, B and D to be determined at datum
plane H.
4.
Dimensions D and E to be determined at seating
plane C.
5.
Dimension b does not include dambar protrusion.
Allowable dambar protrusion shall not cause the
lead width to exceed the maximum b dimension
by more than 0.08 mm. Dambar cannot be
located on the lower radius or the foot. Minimum
space between protrusion and adjacent lead or
protrusion 0.07mm.
6.
Dimensions D1 and E1 do not include mold
protrusion. Allowable protrusion is 0.25mm per
side. D1 and E1 are maximum plastic body size
dimensions including mold mismatch.
7.
Exact shape of each corner is optional.
8.
These dimensions apply to the flat section of the
lead between 0.10mm and 0.25mm from the lead
tip.
13 °
13 °
---
7°
7.00
7.00
---
---
---
0.75
0°
11 °
11 °
6.00
0°
0.20
6.00
0.08
0.08
1.00 REF.
0.45
L1
R1
R2
F
S
Z
G
Z3
Z2
Z1
L
0.15
1.45
0.27
0.23
0.20
0.16
1.60
0.05
1.35
0.17
0.09
0.17
12.00 BSC
10.00 BSC
0.09
12.00 BSC
0.50 BSC
10.00 BSC
---
D1
e
E
c1
E1
D
b1
c
b
A
A2
A1
Dim.
Min.
Max.
Dim.
Min.
Max.
0.05
Z
A1
A2
(S)
L
(L1)
R
R1
VIEW AA
GAGE
PLANE
0.25
SEATING
PLANE
Z2
(x4)
Z3
(x4)
A
b (x64)
0.08 C
VIEW AA
C
H
J
J
0.08
C A-B D
e (x60)
X=A,B or D
AB
AB
e/2
VIEW Y
X
b
b1
c
1
c
8
SECTION AB - AB
BASE
METAL
PLATING
ROTATED 90
°
CW
F
G
EXPOSED
PAD
VIEW J-J
Figure 6: PD64012 Mechanical Dimensions
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com