Electronic Components Datasheet Search
  English  ▼

X  

TLE5309D Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 18Page - Infineon Technologies AG TLE5309D Datasheet HTML 19Page - Infineon Technologies AG TLE5309D Datasheet HTML 20Page - Infineon Technologies AG TLE5309D Datasheet HTML 21Page - Infineon Technologies AG TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG TLE5309D Datasheet HTML 24Page - Infineon Technologies AG TLE5309D Datasheet HTML 25Page - Infineon Technologies AG TLE5309D Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Data Sheet
22
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
synchronicity mismatch for both the AMR and the GMR sensors and perfect compensation of orthogonality
error for the GMR sensor. A typical behavior of a fully compensated angle error with this ongoing calibration is
shown in Figure 19 for the GMR sensor and Figure 20 for the AMR sensor for different ambient temperatures.
The accuracy of the fully compensated angle is listed in Table 8, which is divided into single-ended and
differential output of the sensor.
Angle performance with one-time calibration
To achieve the overall angle error specified, both sensor ICs in the TLE5309D have to be calibrated for offset
and amplitude synchronism at 25°C. Additionally, the GMR sensor has to be calibrated for orthogonality. The
compensation parameters have to be stored and applied on the microcontroller. For the detailed calibration
procedure refer to the application note “TLE5009 Calibration”. Table 9 characterizes the accuracy of the
angle, which is calculated from the single-ended output respectively the differential output of the sensor and
the compensation parameters acquired in the end-of-line calibration.
Typical behaviour of angle error compensation
The angle accuracy performance for ideal compensation and one-time compensation is listed in Table 8
respectively in Table 9. Figure 19 shows for the GMR sensor and Figure 20 for the AMR sensor the typical
behavior of the residual angle error with ongoing respectively one-time calibration at different ambient
temperatures. The comparison of this compensation algorithms demonstrates the superior performance of
the full compensation method over lifetime and temperature with an average residual error below 0.6° for the
GMR sensor and 0.1° for the AMR sensor operating in the specified magnetic field. With one-time
compensation an additional residual angle error occurs due to the temperature dependency of the sensor.
Table 9
One-time calibrated angle error over temperature and lifetime
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Overall angle error AMR
sensor (single-ended)1)2)
1) Including hysteresis error.
2) Assuming a symmetrical load.
αERR
3.6
°
E5201
2.4
°
E1211, E2211
Overall angle error AMR
sensor (differential)1)
αERR
2.9
°
E5201
1.7
°
E1211, E2211
Overall angle error GMR
sensor (single-ended)1)2)
αERR
4.8
°
E5201
4.0
°
E1211, E2211
Overall angle error GMR
sensor (differential)1)
αERR
3.8
°
E5201
3.0
°
E1211, E2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com