Electronic Components Datasheet Search
  English  ▼

X  

TLE5309D Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG TLE5309D Datasheet HTML 10Page - Infineon Technologies AG TLE5309D Datasheet HTML 11Page - Infineon Technologies AG TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG TLE5309D Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
11
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
Figure 10
Application circuit for the TLE5309D in differential output mode
Application circuit for low-power consumption (e.g. turn counter)
Applications that use electric motors and actuators may require a turn counter function. A turn counter
function allows to keep track of the electric motor or actuator position with low-power consumption. During
operation the sensor is powered on, therefore the angle information is constantly available and, if necessary,
stored. But when the system is not in operation the sensor is powered off to save power consumption,
therefore rotational movements are not detected. To avoid missing the position the sensor can be awaked
periodically to obtain the angle information. The minimum length of the awake time must cover the TLE5309D
power-up time (described in Table 5) and the required time to transmit the data, which is also dependent on
the application circuit.
An optimal TLE5309D application circuit for systems with turn counter function is shown in Figure 11 for
single-ended output respectively in Figure 12 for differential output. With a lower resistor and capacitor
design the low-pass filter has a time constant of only a few microseconds. Therefore, the time needed to
supply the TLE5309D with power in order to read the output signal is considerably reduced.
TLE5309D
100nF
μController
4.7nF
100nF
47nF
47nF
4.7nF
47nF
47nF
47nF
47nF
47nF
47nF
AMR
AMR VDD
AMR GND
AMR GND
AMR SIN_P
AMR SIN_N
AMR COS_P
AMR COS_N
AMR VDIAG
GMR
GMR VDD
GMR GND
GMR SIN_P
GMR SIN_N
GMR COS_P
GMR COS_N
GMR VDIAG
GMR GND
GMR
GND
GMR
GND
GMR VDD
AMR VDD
GMR GND
AMR GND
AMR
GND
AMR
GND
GMR
GND
GMR
GND
GMR
GND
AMR
GND
AMR
GND
AMR
GND
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com