Electronic Components Datasheet Search
  English  ▼

X  

TLE5309D Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 11Page - Infineon Technologies AG TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG TLE5309D Datasheet HTML 15Page - Infineon Technologies AG TLE5309D Datasheet HTML 16Page - Infineon Technologies AG TLE5309D Datasheet HTML 17Page - Infineon Technologies AG TLE5309D Datasheet HTML 18Page - Infineon Technologies AG TLE5309D Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
15
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
2.3
Sensor specification
The following operating conditions must not be exceeded in order to ensure correct operation of the
TLE5309D.
All parameters specified in the following sections refer to these operating conditions, unless otherwise noted.
Table 4 is valid for -40°C < TA < 125°C and through the TLE5309D lifetime. Parameters are valid for AMR and GMR
sensor, unless otherwise noted.
2.3.1
Operating range
Table 4
Operating range
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Ambient temperature1)
1) Assuming a thermal resistance of the sensor assembly in the application of 150K/W or less.
TA
-40
125
°C
Supply voltage GMR2)
2) Supply voltage VDD buffered with 100 nF ceramic capacitor in close proximity to the sensor.
VDD,GMR 3.0
3.3
3.6
V
E5201, E1211
4.5
5
5.5
V
E2211
Supply voltage AMR2)
VDD,AMR 3.0
3.3
3.6
V
E1211
4.5
5
5.5
V
E5201, E2211
Output current3)4)
3) Not subject to production test - verified by design/characterization.
4) Assuming a symmetrical load.
IQ
0
0.5
mA COS_N; COS_P; SIN_N; SIN_P
00.1
mA VDIAG
Load capacitance3)5)
5) Directly connected to the pin.
CL
0
4.7
nF
All output pins
Magnetic field3)6)7)8)
6) Values refer to a homogenous magnetic field (BXY) without vertical magnetic induction (BZ= 0 mT).
7) Min/Max values for magnetic field for intermediate temperatures can be obtained by linear interpolation.
8) Assuming a thermal resistance of the sensor assembly in the application of 150 K/W or less.
BXY
24
60
mT In X/Y direction, at TA = 25°C
26
100
mT In X/Y direction, at TA = -40°C
21
50
mT In X/Y direction, at TA = 125°C
Angle range
α
0
360
°
(AMR is 180°-periodic, see
Chapter 1.5)
Rotation speed3)9)
9) Typical angle propagation delay error is 1.62° at 30,000 rpm.
n
30,000 rpm
150,000 rpm No signal degradation observed in lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com