Electronic Components Datasheet Search
  English  ▼

X  

TLE5309D Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG TLE5309D Datasheet HTML 24Page - Infineon Technologies AG TLE5309D Datasheet HTML 25Page - Infineon Technologies AG TLE5309D Datasheet HTML 26Page - Infineon Technologies AG TLE5309D Datasheet HTML 27Page - Infineon Technologies AG TLE5309D Datasheet HTML 28Page - Infineon Technologies AG TLE5309D Datasheet HTML 29Page - Infineon Technologies AG TLE5309D Datasheet HTML 30Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
29
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Revision history
4
Revision history
Revision
Date
Changes
1.0
2016-01
Initial release
1.1
2017-10
Layout changed
Table 8: single-ended angle error added
Table 9: single-ended angle error added
Figure 19: Typical residual angle error for full and one-time compensation GMR
sensor added
Figure 20: Typical residual angle error for full and one-time compensation AMR
sensor added
Chapter References removed
Pin description: Symbol changed to Pin Name
Figure 9: Application circuit in single-ended output mode added
Figure 11: Application circuit in low-power applications in single-ended output
mode added
Figure 13: Application circuit for partial diagnostics with pull-down resistors in
single-ended output mode added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com